Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

492575-1 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 66Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 67Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 68Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 69Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 70Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 71Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 72Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 73Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
70
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
Switches
Ruggedized Multimode
Switches
Refractive Plate Switch
2 x 2 Bypass Configuration
Part Number
6588871-1
Product Facts:
I
No optical path interruption
@200 G’s for 8 ms
I
Successfully passed
MIL-S-901D (Navy)
Heavyweight Shock Test
(Barge Test)
I
Fiber type 62.5/125 µm
multimode
Specifications
Operating Temperature Range —
-30° to +85° C
Storage Temperature Range —
-40° to +85° C
Durability —
>1,000,000 cycles
Minimum Actuation Voltage —
4.75 V
Maximum Actuation Voltage —
5.25 V
Actuation Current at Typical —
5.0 V
Actuation Voltage —
100mA (maximum)
TE’s Ruggedized Refractive
Plate Switch is a multimode
optical switch that is capable
of withstanding a 200 G shock
with a duration of >8ms without
interruption of the signal path.
This switch is designed for
extreme environments that
require absolute product
quality on optical installations
and optical signal integrity.
71.6
[2.82]
31.8
[1.25]
2-56 UNC
4 Plcs.
Recommended Mounting Layout
Product Dimensions:
71.6
[2.82]
Ref.
25.00
[.984]
Min.
75.01
[2.953]
Max.
2100.00
[82.677]
81.28
[3.200]
Min.
2000.00
[78.740]
Min.
Ref.
Ø 2.77
[.109]
4 Plcs.
Accepts 2-56
Skt Hd Screw
31.8
[1.25]
18.42 ± 0.25
[.725 ± .010]
37.34
[1.470]
2 mm Low Smoke/Zero Halogen Jacket
4 Plcs.
900 µm Tubing
4 Plcs.
Fiber 3
Fiber 4
Fiber 2
Fiber 1
Pos. Feed Through Terminal
Neg. Feed Through Terminal
62.5/125/250 Fiber
4 Plcs.
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com