Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

492575-1 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 69Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 70Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 71Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 72Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 73Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 74Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 75Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 76Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
73
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
5
FULLAXS Fiber to the Antenna Rugged Interconnect
Product Facts
I
Open bulkhead for easy
access to SFP
I
Positive feedback to
operator when fully mated
I
One-hand mating
I
Duplex LC interface
I
Bulkhead cutouts allow
for removal of transceiver
through the bulkhead
(no need to open RRH for
transceiver replacement)
I
Robust bayonet locking for
easy, fast, and secure
mating
I
Multimode and singlemode
I
Water proof, dust proof and
corrosion resistant
I
Expansion to RJ45, etc
I
Plug has tolerance free
design, fully free floating in
Z-axis
I
No Cable buckling at any
time during or after
installation
I
Cost effective glass-filled
polymer or metal diecasted
bulkhead
I
Field installable version
available
Specifications
Temperature — –40°C – +85°C
150 N Pull Force —
per IEC61300-2-4
Protection Class — IP67
Cycles — 50 Mating Cycles
Vibration — per GR3115 (3.26.3)
Salt Mist — per IEC 61300-2-26
Vibration — per IEC 61300-2-1
Shock — per IEC 61300-2-9
Impact — IEC 61300-2-12
Temperature / Humidity —
IEC 61300-2-22
Mechanical
Retention — 150 N cable retention
Rating — IP67 Rated
Interface — LC interface
Adapter Footprint — 36 mm x 36 mm
Locking Style — Bayonet style
Duplex LC Interconnect —
MM or SM
Tools — No tools required
Operating Temperature —
–40°C to +85°C
Mating Durability — min. 50 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com