Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4432 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP4432
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4432 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP4432 Datasheet HTML 44Page - Microchip Technology MCP4432 Datasheet HTML 45Page - Microchip Technology MCP4432 Datasheet HTML 46Page - Microchip Technology MCP4432 Datasheet HTML 47Page - Microchip Technology MCP4432 Datasheet HTML 48Page - Microchip Technology MCP4432 Datasheet HTML 49Page - Microchip Technology MCP4432 Datasheet HTML 50Page - Microchip Technology MCP4432 Datasheet HTML 51Page - Microchip Technology MCP4432 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
MCP444X/446X
DS22265A-page 48
© 2010 Microchip Technology Inc.
REGISTER 4-3:
TCON1 BITS (1)
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
D8
R3HW
R3A
R3W
R3B
R2HW
R2A
R2W
R2B
bit 8
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
D8:
Reserved. Forced to “1”
bit 7
R3HW:
Resistor 3 Hardware Configuration Control bit
This bit forces Resistor 3 into the “shutdown” configuration of the Hardware pin
1
= Resistor 3 is NOT forced to the hardware pin “shutdown” configuration
0
= Resistor 3 is forced to the hardware pin “shutdown” configuration
bit 6
R3A:
Resistor 3 Terminal A (P3A pin) Connect Control bit
This bit connects/disconnects the Resistor 3 Terminal A to the Resistor 3 Network
1
= P3A pin is connected to the Resistor 3 Network
0
= P3A pin is disconnected from the Resistor 3 Network
bit 5
R3W:
Resistor 3 Wiper (P3W pin) Connect Control bit
This bit connects/disconnects the Resistor 3 Wiper to the Resistor 3 Network
1
= P3W pin is connected to the Resistor 3 Network
0
= P3W pin is disconnected from the Resistor 3 Network
bit 4
R3B:
Resistor 3 Terminal B (P3B pin) Connect Control bit
This bit connects/disconnects the Resistor 3 Terminal B to the Resistor 3 Network
1
= P3B pin is connected to the Resistor 3 Network
0
= P3B pin is disconnected from the Resistor 3 Network
bit 3
R2HW:
Resistor 2 Hardware Configuration Control bit
This bit forces Resistor 2 into the “shutdown” configuration of the Hardware pin
1
= Resistor 2 is NOT forced to the hardware pin “shutdown” configuration
0
= Resistor 2 is forced to the hardware pin “shutdown” configuration
bit 2
R2A:
Resistor 2 Terminal A (P0A pin) Connect Control bit
This bit connects/disconnects the Resistor 2 Terminal A to the Resistor 2 Network
1
= P2A pin is connected to the Resistor 2 Network
0
= P2A pin is disconnected from the Resistor 2 Network
bit 1
R2W:
Resistor 2 Wiper (P0W pin) Connect Control bit
This bit connects/disconnects the Resistor 2 Wiper to the Resistor 2 Network
1
= P2W pin is connected to the Resistor 2 Network
0
= P2W pin is disconnected from the Resistor 2 Network
bit 0
R2B:
Resistor 2 Terminal B (P2B pin) Connect Control bit
This bit connects/disconnects the Resistor 2 Terminal B to the Resistor 2 Network
1
= P2B pin is connected to the Resistor 2 Network
0
= P2B pin is disconnected from the Resistor 2 Network
Note 1:
These bits do not affect the wiper register values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com