Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4432 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP4432
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4432 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP4432 Datasheet HTML 52Page - Microchip Technology MCP4432 Datasheet HTML 53Page - Microchip Technology MCP4432 Datasheet HTML 54Page - Microchip Technology MCP4432 Datasheet HTML 55Page - Microchip Technology MCP4432 Datasheet HTML 56Page - Microchip Technology MCP4432 Datasheet HTML 57Page - Microchip Technology MCP4432 Datasheet HTML 58Page - Microchip Technology MCP4432 Datasheet HTML 59Page - Microchip Technology MCP4432 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
MCP444X/446X
DS22265A-page 56
© 2010 Microchip Technology Inc.
6.2.4
ADDRESSING
The address byte is the first byte received following the
START condition from the master device. The address
contains four (or more) fixed bits and (up to) three user
defined hardware address bits (pins A1 and A0). These
7-bits address the desired I2C device. The A6:A2
address bits are fixed to “01011” and the device
appends the value of following two address pins (A1
and A0).
Since there are address bits controlled by hardware
pins, there may be up to four MCP44XX devices on the
same I2C bus.
Figure 6-9 shows the slave address byte format, which
contains the seven address bits. There is also a read/
write (R/W) bit. Table 6-2 shows the fixed address for
device.
Hardware Address Pins
The hardware address bits (A1, and A0) correspond to
the logic level on the associated address pins. This
allows up to eight devices on the bus.
These pins have a weak pull-up enabled when the VDD
< VBOR. The weak pull-up utilizes the “smart” pull-up
technology and exhibits the same characteristics as the
High-voltage tolerant I/O structure.
The state of the A0 address pin is latch on POR/BOR.
This is required since High Voltage commands force
this pin (HVC/A0) to the VIHH level.
FIGURE 6-9:
Slave Address Bits in the
I2C Control Byte.
TABLE 6-2:
DEVICE SLAVE ADDRESSES
6.2.5
SLOPE CONTROL
The MCP44XX implements slope control on the SDA
output.
As the device transitions from HS mode to FS mode,
the slope control parameter will change from the HS
specification to the FS specification.
For Fast (FS) and High-Speed (HS) modes, the device
has a spike suppression and a Schmidt trigger at SDA
and SCL inputs.
Device
Address
Comment
MCP44XX ‘0101 1’b + A1:A0
Supports up to 4
devices. (Note 1)
Note 1:
A0 is used for High-Voltage commands
(HVC/A0) and the value is latched at
POR/BOR.
S A6A5 A4 A3A2 A1 A0 R/W
A/A
Start
bit
Slave Address
R/W bit
A bit (controlled by slave device)
R/W
= 0 = write
R/W
= 1 = read
A
= 0 = Slave Device Acknowledges byte
A
= 1 = Slave Device does not Acknowledge byte
“0” “1” “0” “1”
See Table 6-2
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com