Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4432 Datasheet(PDF) 68 Page - Microchip Technology

Part # MCP4432
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4432 Datasheet(HTML) 68 Page - Microchip Technology

Back Button MCP4432 Datasheet HTML 64Page - Microchip Technology MCP4432 Datasheet HTML 65Page - Microchip Technology MCP4432 Datasheet HTML 66Page - Microchip Technology MCP4432 Datasheet HTML 67Page - Microchip Technology MCP4432 Datasheet HTML 68Page - Microchip Technology MCP4432 Datasheet HTML 69Page - Microchip Technology MCP4432 Datasheet HTML 70Page - Microchip Technology MCP4432 Datasheet HTML 71Page - Microchip Technology MCP4432 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
MCP444X/446X
DS22265A-page 68
© 2010 Microchip Technology Inc.
FIGURE 7-6:
I2C Continuos Reads.
STOP bit
Control Byte
1
01 0
S
1 A1 A0 1 A
Fixed
Address
Variable
Address
Read bits
0
00 0
0
0
0 D8 A1
Read bit
D3
D7 D6 D5 D4
D2 D1 D0 A1
Read Data bits
0
000
0
0
0 D8 A1
D3
D7 D6 D5 D4
D2 D1 D0 A1
P
0
000
0
0
0 D8 A1
D3
D7 D6 D5 D4
D2 D1 D0 A2
Read Data bits
Read Data bits
Note 1:
Master Device is responsible for A / A signal. If a A signal occurs, the MCP44XX will abort this
transfer and release the bus.
2:
The Master Device will Not Acknowledge, and the MCP44XX will release the bus so the
Master Device can generate a Stop or Repeated Start condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com