Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4432 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP4432
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4432 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP4432 Datasheet HTML 58Page - Microchip Technology MCP4432 Datasheet HTML 59Page - Microchip Technology MCP4432 Datasheet HTML 60Page - Microchip Technology MCP4432 Datasheet HTML 61Page - Microchip Technology MCP4432 Datasheet HTML 62Page - Microchip Technology MCP4432 Datasheet HTML 63Page - Microchip Technology MCP4432 Datasheet HTML 64Page - Microchip Technology MCP4432 Datasheet HTML 65Page - Microchip Technology MCP4432 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
MCP444X/446X
DS22265A-page 62
© 2010 Microchip Technology Inc.
TABLE 7-2:
MEMORY MAP AND THE SUPPORTED COMMANDS
Address
Command
Data
(10-bits) (1)
Comment
Value
Function
00h
Volatile Wiper 0
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
Increment Wiper
—
Decrement Wiper
—
01h
Volatile Wiper 1
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
Increment Wiper
—
Decrement Wiper
—
02h
NV Wiper 0
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
High Voltage Increment
—
Wiper Lock 0 Disable (4)
High Voltage Decrement
—
Wiper Lock 0 Enable (5)
03h
NV Wiper 1
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
High Voltage Increment
—
Wiper Lock 1 Disable (4)
High Voltage Decrement
—
Wiper Lock 1 Enable (5)
04h (2) Volatile
TCON 0 Register
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
05h (2) Status Register
Read Data (3)
nn nnnn nnnn
06h
Volatile Wiper 2
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
Increment Wiper
—
Decrement Wiper
—
07h
Volatile Wiper 3
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
Increment Wiper
—
Decrement Wiper
—
08h
NV Wiper 2
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
High Voltage Increment
—
Wiper Lock 2 Disable (4)
High Voltage Decrement
—
Wiper Lock 2 Enable (5)
09h
NV Wiper 3
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
High Voltage Increment
—
Wiper Lock 3 Disable (4)
High Voltage Decrement
—
Wiper Lock 3 Enable (5)
0Ah (2) Volatile
TCON 1 Register
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
0Bh (2) Data EEPROM
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
0Ch (2) Data EEPROM
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
0Dh (2) Data EEPROM
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
0Eh (2) Data EEPROM
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
0Fh
Data EEPROM
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
High Voltage Increment
—
Write Protect Disable (4)
High Voltage Decrement
—
Write Protect Enable (5)
Note
1:
The Data Memory is only 9-bits wide, so the MSb is ignored by the device.
2:
Increment or Decrement commands are invalid for these addresses.
3:
I2C read operation will read 2 bytes, of which the 10-bits of data are contained within.
4:
Disables WiperLock Technology for wiper 0, wiper 1, wiper 2, wiper3, or disables Write Protect.
5:
Enables WiperLock Technology for wiper 0, wiper 1, wiper 2, wiper3, or enables Write Protect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com