Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC253SPD Datasheet(PDF) 16 Page - Texas Instruments

Part # TC253SPD
Description  680 X 500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TC253SPD Datasheet HTML 11Page - Texas Instruments TC253SPD Datasheet HTML 12Page - Texas Instruments TC253SPD Datasheet HTML 13Page - Texas Instruments TC253SPD Datasheet HTML 14Page - Texas Instruments TC253SPD Datasheet HTML 15Page - Texas Instruments TC253SPD Datasheet HTML 16Page - Texas Instruments TC253SPD Datasheet HTML 17Page - Texas Instruments TC253SPD Datasheet HTML 18Page - Texas Instruments TC253SPD Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Vcl
Vodb
Vcmdh Vcmdl
+Vsag1
–Vsag1
+Vsag2
–Vsag2
+Viag1
–Viag1
+Viag2
–Viag2
+Vsrg1
–Vsrg1
+Vsrg2
–Vsrg2
Vcc
DC Voltages (Typ.)
Vcl
Vodb
Vcc
+Vsag1
–Vsag1
+Vsag2
–Vsag2
12 V
15 V
5 V
2.5 V
–2.5 V
3.5 V
–4.0 V
–Viag1
+Viag2
+Viag1
–Viag2
2.4 V
–3.2 V
4.5 V
–6.2 V
–Vsrg2
+Vsrg1
+Vsrg2
–Vsrg1
4.2 V
–4.6 V
5.7 V
–3.4 V
1.5 V
Vcmgh
Vcmgl
13.6 V
SAG1
–Vsag1
+Vsag1
IAG1
Vcc
+Viag1
+Vsrg2
Vcc
SRG2
+Vsrg1
–Vsrg1
Vcc
SRG1
–Vsrg2
–Viag1
+Viag2
Vcc
IAG2
+Vsag2
–Vsag2
Vcc
SAG2
–Viag2
ODB1
ODB2
CMG
Vcc
Vcc
Oscillator
–Viag2
10 k
EL7156CS
VS+
1
OE
2
IN
3
GND
4
VH 8
OUT 7
VL 6
VS– 5
TC253
ODB
1
IAG2
2
SAG2
3
SRG1
4
NC
8
Vout
7
CMG
6
SRG2
5
ADB 9
SUB
10
SAG1
11
IAG1
12
EL7156CS
VS+
1
OE
2
IN
3
GND
4
VH 8
OUT 7
VL 6
VS– 5
0.1
10
10 k
0.1
0.1
10 k
ODB Driver
Vodb
ODBout
ODB1
GND
ODB2
EL7156CS
VS+
1
OE
2
IN
3
GND
4
VH 8
OUT 7
VL 6
VS– 5
EL7156CS
VS+
1
OE
2
IN
3
GND
4
VH 8
OUT 7
VL 6
VS– 5
EL7156CS
VS+
1
OE
2
IN
3
GND
4
VH 8
OUT 7
VL 6
VS– 5
CMG Driver
Vcmgh
CMGout
CMG
GND
Vcmgl
0.1
0.1
0.1
0.1
EL7156CS
VS+
1
OE
2
IN
3
GND
4
VH 8
OUT 7
VL 6
VS– 5
10 k
10 k
10 k
0.1
0.1
0.1
0.1
0.1
0.1
10
10
10
10
User Defined Timer
ODB2
IAG2
SAG2
SRG1
CLMP
ODB1
CMG
SRG2
Vcc
GND
SAG1
IAG1
CLK
S/H
SYNC
LCLMP
CLEAR
0.1
33
+
0.1
10
10
OUT
–Vsag2
0.1
0.1
–Vsag1
0.1
0.1
–Viag1
0.1
NOTES: A. All values are in
Ω and µF unless otherwise noted.
B. TI recommends ac coupled system for coupling to the next video processing circuits.
C. IAG and SAG signal from user defined timer must be shifted its GND level to –V before the driver IC (EL7156CS) input.
D. The value of the CCD external capacitors (on IAG and SAG) were recommended with 2000 pF ~ 5000 pF.
Figure 7. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com