Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC253SPD Datasheet(PDF) 2 Page - Texas Instruments

Part # TC253SPD
Description  680 X 500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD Datasheet(HTML) 2 Page - Texas Instruments

  TC253SPD Datasheet HTML 1Page - Texas Instruments TC253SPD Datasheet HTML 2Page - Texas Instruments TC253SPD Datasheet HTML 3Page - Texas Instruments TC253SPD Datasheet HTML 4Page - Texas Instruments TC253SPD Datasheet HTML 5Page - Texas Instruments TC253SPD Datasheet HTML 6Page - Texas Instruments TC253SPD Datasheet HTML 7Page - Texas Instruments TC253SPD Datasheet HTML 8Page - Texas Instruments TC253SPD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The image-sensing area of the TC253SPD sensor is configured into 500 lines with 680 pixels in each line.
Twenty-two pixels are reserved in each line for dark reference. The blooming protection is based on an
advanced lateral overflow drain concept that does not reduce NIR response. The sensor can be operated in
the interlaced or progressive scan modes and can capture full 340,000 pixels in one image field. The frame
transfer from the image-sensing area to the memory area is accomplished at a very high rate that minimizes
image smear. The electronic exposure control is achieved by clearing unwanted charge from the image area
using a short positive pulse applied to the antiblooming drain. This pulse marks the beginning of the integration
time, which can be arbitrarily shortened from its nominal length. After charge is integrated and stored in the
memory it is available for readout in the next cycle. This is accomplished using a unique serial register design
that includes special charge multiplication pixels.
The TC253SPD sensor is built using TI-proprietary advanced split-gate virtual-phase CCD (SGVPCCD)
technology, which provides devices with wide spectral response, ranging from DUV to NIR, high quantum
efficiency (QE), low dark current, and high response uniformity. The TC253SPD sensor is characterized over
an operating free-air temperature range of TA= –10°C to 45°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com