Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC253SPD Datasheet(PDF) 18 Page - Texas Instruments

Part # TC253SPD
Description  680 X 500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD Datasheet(HTML) 18 Page - Texas Instruments

Back Button TC253SPD Datasheet HTML 11Page - Texas Instruments TC253SPD Datasheet HTML 12Page - Texas Instruments TC253SPD Datasheet HTML 13Page - Texas Instruments TC253SPD Datasheet HTML 14Page - Texas Instruments TC253SPD Datasheet HTML 15Page - Texas Instruments TC253SPD Datasheet HTML 16Page - Texas Instruments TC253SPD Datasheet HTML 17Page - Texas Instruments TC253SPD Datasheet HTML 18Page - Texas Instruments TC253SPD Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC253SPD image sensor consists of a ceramic base, a glass window, and a 12-lead frame.
The glass window is sealed to the package by an epoxy adhesive. The package leads are configured in a
dual-in-line arrangement and fit into mounting holes with 1,78 mm center-to-center spacing.
1.78
0.33
11.68
5.94
11.50
3.65
5.64
Package Center
Opticle Center
11.10
1 pin Index Mark
0.76
3.35
11.05
10.95
0.17
Focal Plane
11.18
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS
TC253 (12 pin)
10/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com