Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC253SPD Datasheet(PDF) 17 Page - Texas Instruments

Part # TC253SPD
Description  680 X 500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC253SPD Datasheet HTML 11Page - Texas Instruments TC253SPD Datasheet HTML 12Page - Texas Instruments TC253SPD Datasheet HTML 13Page - Texas Instruments TC253SPD Datasheet HTML 14Page - Texas Instruments TC253SPD Datasheet HTML 15Page - Texas Instruments TC253SPD Datasheet HTML 16Page - Texas Instruments TC253SPD Datasheet HTML 17Page - Texas Instruments TC253SPD Datasheet HTML 18Page - Texas Instruments TC253SPD Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ODB Driver Circuit
CMG Driver Circuit
ODB2
Vcmgl
CMGout
Vcmgh
Vodb = 24 V
ODB1
CMG
ODBout
Q3
1SS193
10
Q1
VR
2.0 k
0.1
1.5 k
2200p
0.1
0.1
3.3 k
TN2106N3
1.5 k
0.1
10 k
1SS193
1SS226
2.7 k
0.1
2200p
10 k
5.6 k
Q2
3.3 k
10 k
1SS226
2.7 k
3.3 k
TP2104N3
NOTE A: All values are in
Ω and µF unless otherwise noted.
Figure 8. Example of CMG Driver Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com