Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 124 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 120Page - Texas Instruments DM3725CBC Datasheet HTML 121Page - Texas Instruments DM3725CBC Datasheet HTML 122Page - Texas Instruments DM3725CBC Datasheet HTML 123Page - Texas Instruments DM3725CBC Datasheet HTML 124Page - Texas Instruments DM3725CBC Datasheet HTML 125Page - Texas Instruments DM3725CBC Datasheet HTML 126Page - Texas Instruments DM3725CBC Datasheet HTML 127Page - Texas Instruments DM3725CBC Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 3-5. DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
Input Capacitance and Input Transition Time
sys_xtalin pin (CBP Ball(19): AE17)
CIN
Input capacitance
1.00
1.15
1.35
pF
tTIN
(2)
Input transition time (rise time, tRIN or fall time, tFIN
10
ns
evaluated between 10% and 90% at PAD)
JTAG interface (CBP Balls(19): AA17 / AA13 / AA12 / AA18 / AA20 / AA19 / AA11 / AA10)
CIN
Input capacitance
2.20
pF
tTIN
(2)
Input transition time (rise time, tRIN or fall time, tFIN
10
ns
evaluated between 10% and 90% at PAD)
Otherwise
CIN
Input capacitance
1.15
pF
tTIN
(2)
Input transition time (rise time, tRIN or fall time, tFIN
10
ns
evaluated between 10% and 90% at PAD)
Output Capacitance Load and Output Transition Time
sys_32k, sys_clkreq, sys_off_mode, sys_clkout1, sys_nirq, uart3_cts_rctx, uart3_rts_sd, uart3_rx_irrx, uart3_tx_irtx, hdq_sio
(CBP Balls(19): R27 / AE25 / AF25 / AF22 / AG25 / AF26 / H18 / H19 / H20 / H21 / J25)
tTOUT
Output transition time (rise time, tROUT or
DS[1:0] = 00(3)
1(15)
15(16)
ns
fall time, tFOUT evaluated between 10% and
90% at PAD)
CTOUT
Output load
4
60
pF
tTOUT
Output transition time (rise time, tROUT or
DS[1:0] = 10(3)
0.4(15)
5(16)
ns
fall time, tFOUT evaluated between 10% and
90% at PAD)
CTOUT
Output load
2
21
pF
tTOUT
Output transition time (rise time, tROUT or
DS[1:0] = 01(3)
0.6(15)
7(16)
ns
fall time, tFOUT evaluated between 10% and
90% at PAD)
CTOUT
Output load
7
33
pF
CAM, HSUSB0, MMC2, UART1, UART2, McBSP, McSPI, ETK Interfaces, sys_clkout2 (CBP Ball(19): AE22)
tTOUT
Output transition time (rise time, tROUT or fall time, tFOUT
1.5
5
ns
evaluated between 10% and 90% at PAD)
CTOUT
Output load
2
22
pF
Otherwise
tTOUT
Output transition time (rise time, tROUT or fall time, tFOUT
0.6
2.4(17)
ns
evaluated between 10% and 90% at PAD)
CTOUT
Output load
2
22
pF
Hysteresis
sys_xtalin pin (CBP Ball(19): AE17)
VHYS
(1)
Hysteresis voltage at an input
0.25
V
hsusb0_clk (CBP Ball(19): T28)
VHYS
(1)
Hysteresis voltage at an input
0.07
V
Otherwise
VHYS
(1)
Hysteresis voltage at an input
0.15
V
(1) Vhys is the magnitude of the difference between the positive-going threshold voltage VT+ and the negative-going threshold voltage VT–.
Some receivers, but not all, are designed for hysteresis. Vhys applies only to those that are.
(2) The tIN (tRIN and tFIN also) value is the recommended condition. The tIN (tRIN and tFIN also) mismatch causes additional delay time inside
the device then leads to ac timing invalidation in this DM.
The tIN (tRIN and tFIN also) mismatch does not necessarily mean functional failure. This global value may be overridden on a per interface
basis if another value is explicitly defined for that interface in the Timing Requirements and Switching Characteristics chapter of the data
manual.
(3) For a full description of the DS0 load compensation register configuration, see the description of the CONTROL_PROG_IO1
configuration registers in System Control Module / Programming Model / Feature Settings / SDRC I/O Drive Strength Selection section
of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
124
Electrical Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com