Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 126 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 122Page - Texas Instruments DM3725CBC Datasheet HTML 123Page - Texas Instruments DM3725CBC Datasheet HTML 124Page - Texas Instruments DM3725CBC Datasheet HTML 125Page - Texas Instruments DM3725CBC Datasheet HTML 126Page - Texas Instruments DM3725CBC Datasheet HTML 127Page - Texas Instruments DM3725CBC Datasheet HTML 128Page - Texas Instruments DM3725CBC Datasheet HTML 129Page - Texas Instruments DM3725CBC Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
3.4
External Capacitors
To improve module performance, decoupling capacitors are required to suppress the switching noise
generated by high frequency and to stabilize the supply voltage. A decoupling capacitor is most effective
when it is close to the device, because this minimizes the inductance of the circuit board wiring and
interconnects.
3.4.1
Voltage Decoupling Capacitors
Table 3-6 summarizes the Core voltage decoupling characteristics.
3.4.1.1
Core Voltage Decoupling Capacitors
To improve module performance, decoupling capacitors are required to suppress the switching noise
generated by high frequency and to stabilize the supply voltage. A decoupling capacitor is most effective
when it is close to the device, because this minimizes the inductance of the circuit board wiring and
interconnects.
Table 3-6. Core Voltage Decoupling Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Cvdd_core
(1)
0.6
1.2
1.8
μF
Cvdd_mpu_iva
(2)
See (2)
μF
(1) The typical value corresponds to 2 capacitors of 470 nF, plus 3 capacitors of 100 nF. Except for the decoupling capacitance values, the
PCB rules of the PCB Design Requirements for VDD_MPU_IVA Power Distribution Network for TI OMAP3630, AM37xx, and DM37xx
Microprocessors (SPRABJ7) application note can be used.
(2) For more information regarding the vdd_mpu_iva decoupling capacitance recommendations, see the PCB Design Requirements for
VDD_MPU_IVA Power Distribution Network for TI OMAP3630, AM37xx, and DM37xx Microprocessors (SPRABJ7) application note.
3.4.1.2
IO and Analog Voltage Decoupling Capacitors
Table 3-7 summarizes the power supply decoupling capacitor characteristics.
Table 3-7. Power Supply Decoupling Capacitor Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Cvdds
(1)(2)
200
400
600
nF
Cvdds_mem
(1)(3)
350
700
1050
nF
Cvdds_mmc1
(4)
50
100
150
nF
Cvdds_x
(4)
50
100
150
nF
Cvdda_dplls_dll
(4)
50
100
150
nF
Cvdda_dpll_per
(4)
50
100
150
nF
Cvdds_sram
(4)
110
220
330
nF
Cvdda_wkup_bg_bb
(4)
240
470
700
nF
Cvdda_dac
(4)
50
100
150
nF
(1) In power plan configuration.
(2) The typical value corresponds to 4 capacitors of 100 nF.
(3) The typical value corresponds to 7 capacitors of 100 nF.
(4) In power rail configuration.
126
Electrical Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com