Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 150 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 146Page - Texas Instruments DM3725CBC Datasheet HTML 147Page - Texas Instruments DM3725CBC Datasheet HTML 148Page - Texas Instruments DM3725CBC Datasheet HTML 149Page - Texas Instruments DM3725CBC Datasheet HTML 150Page - Texas Instruments DM3725CBC Datasheet HTML 151Page - Texas Instruments DM3725CBC Datasheet HTML 152Page - Texas Instruments DM3725CBC Datasheet HTML 153Page - Texas Instruments DM3725CBC Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
5.4
Electrical Specifications Over Recommended Operating Conditions
NOTE
High-swing mode is the default mode. The low-swing mode is not compliant with the NTSC
and PAL video-standards. It shall be used only for backwards compatibility to AM/DM37x.
•
TVOUT DC High Swing Mode:
– ROUT1/2 = 2.7 kΩ (±1%)
– RSET = 4.7 kΩ (±1%)
– RLOAD = 75 Ω (±5%)
– ZCABLE = 75 Ω (±5%)
•
TVOUT DC Low Swing Mode:
– ROUT1/2 = 2.7 kΩ (±1%)
– RSET = 6.8 kΩ (±1%)
– RLOAD = 75 Ω (±5%)
– ZCABLE = 75 Ω (±5%)
•
TVOUT AC High Swing Mode:
– ROUT1/2 = 2.7 kΩ (±1%)
– RSET = 4.7 kΩ (±1%)
– RLOAD = 75 Ω (±5%)
– ZCABLE = 75 Ω (±5%)
– CAC = 220 µF (±5%)
•
TVOUT AC Low Swing Mode:
– ROUT1/2 = 2.7 kΩ (±1%)
– RSET = 6.8 kΩ (±1%)
– RLOAD = 75 Ω (±5%)
– ZCABLE = 75 Ω (±5%)
– CAC = 220 µF (±5%)
Table 5-1. DAC
– Static Electrical Specifications(8)
PARAMETER
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
R
Resolution
10
Bits
DC ACCURACY
INL(1)
Integral Non-Linearity (INL)
50 to 111 input code range
–6
6
LSB
Integral Non-Linearity (INL)
111 to 895 input code range
–4
4
Signal video range
Integral Non-Linearity (INL)
783 to 1007 input code range
–5
5
Synchronization pulse
DNL(2)
Differential nonlinearity
111 to 895 input code range
–2.5
2.5
LSB
ANALOG OUTPUT
-
Output voltage
0 to 1023 input
Low-swing mode
0.70
0.88
1.00
V
code range,
High-swing mode
1.2
1.3
1.5
RLOAD = 75 Ω
-
Gain error
-
Low-swing mode
–20
20
% FS
High-swing mode
–10
10
RVOUT
Output impedance
67.5
75.0
82.5
Ω
REFERENCE
VREF
Internal Band Gap Voltage Reference
0.55
V
150
Video DAC Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com