Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 152 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 148Page - Texas Instruments DM3725CBC Datasheet HTML 149Page - Texas Instruments DM3725CBC Datasheet HTML 150Page - Texas Instruments DM3725CBC Datasheet HTML 151Page - Texas Instruments DM3725CBC Datasheet HTML 152Page - Texas Instruments DM3725CBC Datasheet HTML 153Page - Texas Instruments DM3725CBC Datasheet HTML 154Page - Texas Instruments DM3725CBC Datasheet HTML 155Page - Texas Instruments DM3725CBC Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 5-2. Video DAC
– Dynamic Electrical Specifications(6)
PARAMET
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
ER
fCLK
(1)
Output update rate
Equal to input clock frequency
54
60
MHz
Clock jitter
RMS clock jitter required in order to
40
70
ps
assure 10-bit accuracy
Attenuation at 5.1 MHz
Corner frequency for
DC mode
1.5
dB
signal
AC mode
BW
Signal bandwidth
3 dB
DC mode
6
MHz
AC mode
Differential gain(2)
111 to 895 input code
DC mode
–5%
5%
range
AC mode
–5%
5%
Differential phase(2)
111 to 895 input code
DC mode
–3º
3
º
range
AC mode
–3º
3
º
SFDR
Within bandwidth 1 kHz to
fCLK = 54 MHz, fOUT = 1
DC mode
40
50
70
dB
6 MHz
MHz, sine wane input,
AC mode
111 to 895 input code
range
SNR
Within bandwidth 1 kHz to
fCLK = 54 MHz, fOUT = 1
DC mode
50
54
75
dB
6 MHz
MHz, sine wane input,
AC mode
256 to 768 input code
range
PSR(4)
Power supply rejection (up 100 mVpp at 6 MHz, input code 895
6(4)
dB
to 6 MHz)
Crosstalk
Between the two video
–50
–40
dB
channels
CLoad
TVOUT (cvideo_out1 and
Total decoupling capacity from
300
pF
cvideo_out2) stability,
cvideo_out1 or cvideo_out2 to ground,
TVOUT decoupling
CLoad1
capacity
CTOT
TVOUT stability, total
Total decoupling capacity: CTOT = CLoad1
600
pF
TVOUT decoupling
+ CLoad2
capacity
(1) For internal input clock information, see the DSS chapter of AM/DM37x Technical Reference Manual (literature number SPRUGN4).
(2) The differential gain and phase value is for dc coupling. Note that there is degradation for the ac coupling. The Differential Gain and
Phase are measured with respect to the gain and phase of the burst signal (
–20 to 20 IRE)
(3) The SNR value is for dc coupling.
(4) PSR measures the effect of a supply disturbance at cvideo1_out and cvideo2_out.
(5) The flat band measurement is done at 500 kHz for characterizing the attenuation at 5.1 MHz.
(6) For more information on code range definition, see Figure 5-4.
152
Video DAC Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com