Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 196 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 192Page - Texas Instruments DM3725CBC Datasheet HTML 193Page - Texas Instruments DM3725CBC Datasheet HTML 194Page - Texas Instruments DM3725CBC Datasheet HTML 195Page - Texas Instruments DM3725CBC Datasheet HTML 196Page - Texas Instruments DM3725CBC Datasheet HTML 197Page - Texas Instruments DM3725CBC Datasheet HTML 198Page - Texas Instruments DM3725CBC Datasheet HTML 199Page - Texas Instruments DM3725CBC Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
(1) The load setting of the IO buffer: LB0 = 1.
Table 6-28. CPI Timing Requirements
—8-Bit SYNC Packed Progressive Mode(4) (5)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
ISP3
1 / tc(pclk)
Frequency (1), input pixel clock cam_pclk
130
65
MHz
ISP4
tw(pclkH)
Typical pulse duration, input pixel clock
0.5*P(2)
0.5*P(2)
ns
cam_pclk high
ISP4
tw(pclkL)
Typical pulse duration, input pixel clock
0.5*P(2)
0.5*P(2)
ns
cam_pclk low
tdc(pclk)
Duty cycle error, input pixel clock cam_pclk
0.5*P(2) -
0.5*P(2) -
ns
3.465
6.93
tJ(pclk)
Cycle jitter(3), input pixel clock cam_pclk
0.0649*P(2)
0.0649*P(2)
ns
ISP5
tsu(dV-pclkH)
Setup time, input data cam_d[7:0] valid before
1.08
2.27
ns
input pixel clock cam_pclk rising edge
ISP6
th(pclkH-dV)
Hold time, input data cam_d[7:0] valid after input
1.08
2.27
ns
pixel clock cam_pclk rising edge
ISP7
tsu(dV-vsH)
Setup time, input vertical synchronization
1.08
2.27
ns
cam_vs valid before input pixel clock cam_pclk
rising edge
ISP8
th(pclkH-vsV)
Hold time, input vertical synchronization cam_vs
1.08
2.27
ns
valid after input pixel clock cam_pclk rising edge
ISP9
tsu(dV-hsH)
Setup time, input horizontal synchronization
1.08
2.27
ns
cam_hs valid before input pixel clock cam_pclk
rising edge
ISP10
th(pclkH-hsV)
Hold time, input horizontal synchronization
1.08
2.27
ns
cam_hs valid after input pixel clock cam_pclk
rising edge
ISP11
tsu(dV-hsH)
Setup time, input write enable cam_wen valid
1.08
2.27
ns
before input pixel clock cam_pclk rising edge
ISP12
th(pclkH-hsV)
Hold time, input write enable cam_wen valid
1.08
2.27
ns
after input pixel clock cam_pclk rising edge
(1) Related with the input maximum frequency supported by the ISP module.
(2) P = cam_pclk period in ns
(3) Maximum cycle jitter supported by cam_pclk input clock.
(4) The timing requirements are assured up to the cycle jitter and duty cycle error conditions specified.
(5) See Section 4.3.4, Processor Clocks.
196
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com