Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 199 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 195Page - Texas Instruments DM3725CBC Datasheet HTML 196Page - Texas Instruments DM3725CBC Datasheet HTML 197Page - Texas Instruments DM3725CBC Datasheet HTML 198Page - Texas Instruments DM3725CBC Datasheet HTML 199Page - Texas Instruments DM3725CBC Datasheet HTML 200Page - Texas Instruments DM3725CBC Datasheet HTML 201Page - Texas Instruments DM3725CBC Datasheet HTML 202Page - Texas Instruments DM3725CBC Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 280 page
background image
cam_xclki
cam_pclk
cam_vs
cam_hs
cam_d[11:0]
cam_wen
cam_fld
FRAME(0)
L(0)
L(0)
D(0)
D(n-3)
D(n-2)
D(n-1)
D(0)
D(1)
D(2)
D(n-1)
PAIR
IMPAIR
ISP16
ISP16
ISP17
ISP18
ISP27
ISP19
ISP21
ISP22
ISP23
ISP20
ISP28
ISP25
ISP26
SWPS038-052
FRAME(0)
L(n-1)
ISP18
ISP15
ISP24
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
(1)
The polarity of cam_pclk, cam_fld, cam_vs, and cam_hs are configurable. If the cam_hs, cam_vs, and cam_fld signals are output,
the signal length can be set.
(2)
The parallel camera in SYNC mode supports interlaced image sensor modules and 8-, 10-, 11-, or 12-bit data.
(3)
When the image sensor has fewer than 12 data lines, it is connected to the lower data lines and the unused lines are grounded.
(4)
It is possible to shift the data to 0, 2, or 4 data internal lanes.
(5)
The bit configurations are: cam_d[11:4] or cam_d[7:0] in 8-bit mode, cam_d[11:2] or cam_d[9:0] in 10-bit mode, cam_d[10:0] in 11-bit
mode and cam_d[11:0] in 12-bit mode.
(6)
Optionally, the data write to memory can be qualified by the external cam_wen signal.
(7)
The cam_wen signal can be used as an external memory write-enable signal. The data is stored to memory only if cam_hs, cam_vs,
and cam_wen signals are asserted.
(8)
In cam_xclki, i can be equal to a or b. See Table 6-22 for ISP15 and ISP16 parameters.
Figure 6-27. CPI
—12-bit SYNC Normal Interlaced ModeSection 5.3
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
199
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com