Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 201 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 197Page - Texas Instruments DM3725CBC Datasheet HTML 198Page - Texas Instruments DM3725CBC Datasheet HTML 199Page - Texas Instruments DM3725CBC Datasheet HTML 200Page - Texas Instruments DM3725CBC Datasheet HTML 201Page - Texas Instruments DM3725CBC Datasheet HTML 202Page - Texas Instruments DM3725CBC Datasheet HTML 203Page - Texas Instruments DM3725CBC Datasheet HTML 204Page - Texas Instruments DM3725CBC Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 280 page
background image
cam_xclki
cam_pclk
cam_vs
cam_hs
cam_d[7:0]
cam_wen
cam_fld
FRAME(0)
FRAME(0)
L(0)
L(0)
D(0)
D(n-3)
D(n-2)
D(0)
D(1)
D(2)
D(n-1)
PAIR
IMPAIR
ISP15
ISP16
ISP16
ISP3
ISP4
ISP4
ISP13
ISP5
ISP7
ISP8
ISP9
ISP6
ISP14
ISP11
ISP12
SWPS038-053
D(n-1)
L(n-1)
ISP10
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
(1)
The polarity of cam_pclk, cam_fld, cam_vs, and cam_hs are configurable.
(2)
The image sensor is connected to the lower data lines and the unused lines are grounded. However, it is possible to shift the data to
0, 2, or 4 data internal lanes. The bit configurations are: cam_d[11:4] or cam_d[7:0] in 8-bit packed mode .
(3)
Optionally, the data write to memory can be qualified by the external cam_wen signal. The cam_wen signal can be used as an
external memory write-enable signal. The data is stored to memory only if cam_hs, cam_vs, and cam_wen signals are asserted.
(4)
The camera module can pack 8-bit data into 16 bits. It doubles the maximum pixel clock. This mode can be particularly useful to
transfer a YCbCr data stream or compressed stream to memory at very high speed.
(5)
In cam_xclki, i can be equal to a or b. See Table 6-22 for ISP15 and ISP16 parameters.
Figure 6-28. CPI
—8-Bit SYNC Packed Interlaced Mode
6.5.1.2.6 CPI
—ITU Mode
Table 6-34 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-29).
Table 6-33. CPI Timing Conditions
—ITU Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2.7
ns
tF
Input signal fall time
2.7
ns
Output Condition
CLOAD
Output load capacitance(1)
8.6
pF
(1) The load setting of the IO buffer: LB0 = 1.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
201
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com