Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 202 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 202 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 198Page - Texas Instruments DM3725CBC Datasheet HTML 199Page - Texas Instruments DM3725CBC Datasheet HTML 200Page - Texas Instruments DM3725CBC Datasheet HTML 201Page - Texas Instruments DM3725CBC Datasheet HTML 202Page - Texas Instruments DM3725CBC Datasheet HTML 203Page - Texas Instruments DM3725CBC Datasheet HTML 204Page - Texas Instruments DM3725CBC Datasheet HTML 205Page - Texas Instruments DM3725CBC Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 280 page
background image
SWPS038-054
cam_xclki
cam_pclk
cam_d[9:0]
SOF
D(0)
D(n-1)
EOF
SOF
D(0)
D(n-1)
EOF
ISP16
ISP16
ISP17
ISP23
ISP24
ISP18
ISP18
ISP15
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-34. CPI Timing Requirements
—ITU Mode(4) (5)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
ISP17
1 / tc(pclk)
Frequency(1), input pixel clock cam_pclk
75
45
MHz
ISP18
tw(pclkH)
Typical pulse duration, input pixel clock cam_pclk high
0.5P(2)
0.5P(2)
ns
ISP18
tw(pclkL)
Typical pulse duration, input pixel clock cam_pclk low
0.5P(2)
0.5P(2)
ns
tdc(pclk)
Duty cycle error, input pixel clock cam_pclk
0.5*P(2) -
0.5*P(2) -
ns
3.465
6.93
tJ(pclk)
Cycle jitter(3), input pixel clock cam_pclk
0.0649*P
0.0649*P
ns
(2)
(2)
ISP23
tsu(dV-pclkH)
Setup time, input data cam_d[9:0] valid before input
1.82
3.25
ns
pixel clock cam_pclk rising edge
ISP24
th(pclkH-dV)
Hold time, input data cam_d[9:0] valid after input pixel
1.82
3.25
ns
clock cam_pclk rising edge
(1) Related with the input maximum frequency supported by the ISP module.
(2) P = cam_pclk period in ns
(3) Maximum cycle jitter supported by cam_pclk input clock.
(4) The timing requirements are assured up to the cycle jitter and duty cycle error conditions specified.
(5) See Section 4.3.4, Processor Clocks.
(1)
The unused lines are grounded and the data bus is connected to the lower data lines. However, it is possible to shift the data to 0, 2,
or 4 data internal lanes. The different configurations are: cam_d[11:4] or cam_d[7:0] in 8-bit mode and cam_d[11:2] or cam_d[9:0] in
10-bit mode.
(2)
The parallel camera in ITU mode supports progressive camera modules.
(3)
In cam_xclki, i can be equal to a or b. See Table 6-22 for ISP15 and ISP16 parameters.
Figure 6-29. CPI
—ITU Mode
202
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com