Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 206 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 206 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 202Page - Texas Instruments DM3725CBC Datasheet HTML 203Page - Texas Instruments DM3725CBC Datasheet HTML 204Page - Texas Instruments DM3725CBC Datasheet HTML 205Page - Texas Instruments DM3725CBC Datasheet HTML 206Page - Texas Instruments DM3725CBC Datasheet HTML 207Page - Texas Instruments DM3725CBC Datasheet HTML 208Page - Texas Instruments DM3725CBC Datasheet HTML 209Page - Texas Instruments DM3725CBC Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-39. DSS Timing Conditions
—RFBI Mode—MIPI DBI 2.0 - LCD Panel(2)
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
15
ns
tF
Input signal fall time
15
ns
Output Condition
CLOAD
Output load capacitance(1)
30
pF
(1) Buffer strength configuration: LB0 = 1.
(2) For any information regarding the RFBI registers configuration, see Display Subsystem / the Display Subsystem Environment / LCD
Support / Parallel Interface / Parallel Interface in RFBI Mode (MIPI DBI Protocol) / Transaction Timing Diagrams section of the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 6-40. DSS Timing Requirements
—RFBI Mode—MIPI DBI 2.0 - LCD Panel
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
DR0
tsu(dV-rdH)
Setup time, input data rfbi_da[15:0] valid to output
7.3
6.3
ns
read enable rfbi_rd high
DR1
th(rdH-dIV)
Hold time, output read enable rfbi_rd high to input data
10.6
9.6
ns
rfbi_da[15:0] invalid
td(Data sampled)
Input data rfbi_da[15:0] sampled at the end of the
N(1)
N(1)
ns
access time
(1) N = (AccessTime) * (TimeParaGranularity + 1) * L4CLK
Table 6-41. DSS Switching Characteristics
— RFBI Mode— MIPI DBI 2.0 - LCD Panel
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tw(wrH)
Pulse duration, output write enable rfbi_wr high
A(1)
A(1)
ns
tw(wrL)
Pulse duration, output write enable rfbi_wr low
B(2)
B(2)
ns
td(a0-wrL)
Delay time, output command/data control rfbi_a0 transition to
C(3)
C(3)
ns
output write enable rfbi_wr low
td(wrH-a0)
Delay time, output write enable rfbi_wr high to output
D(4)
D(4)
ns
command/data control rfbi_a0 transition
td(csx-wrL)
Delay time, output chip select rfbi_csx(14) low to output write
E(5)
E(5)
ns
enable rfbi_wr low
td(wrH-csxH)
Delay time, output write enable rfbi_wr high to output chip select
F(6)
F(6)
ns
rfbi_csx(14) high
td(dV)
Output data rfbi_da[15:0] valid
G(7)
G(7)
ns
td(a0H-rdL)
Delay time, output command/data control rfbi_a0 high to output
H(8)
H(8)
ns
read enable rfbi_rd low
td(rdlH-a0)
Delay time, output read enable rfbi_rd high to output
I(9)
I(9)
ns
command/data control rfbi_a0 transition
tw(rdH)
Pulse duration, output read enable rfbi_rd high
J(10)
J(10)
ns
tw(rdL)
Pulse duration, output read enable rfbi_rd low
K(11)
K(11)
ns
td(rdL-csxL)
Delay time, output read enable rfbi_rd low to output chip select
L(12)
L(12)
ns
rfbi_csx(14) low
td(rdH-csxH)
Delay time, output read enable rfbi_rd high to output chip select
M(13)
M(13)
ns
rfbi_csx(14) high
tR(wr)
Rise time, output write enable rfbi_wr
10
10
ns
tF(wr)
Fall time, output write enable rfbi_wr
10
10
ns
tR(a0)
Rise time, output command/data control rfbi_a0
10
10
ns
tF(a0)
Fall time, output command/data control rfbi_a0
10
10
ns
tR(csx)
Rise time, output chip select rfbi_csx(14)
10
10
ns
206
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com