Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 211 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 207Page - Texas Instruments DM3725CBC Datasheet HTML 208Page - Texas Instruments DM3725CBC Datasheet HTML 209Page - Texas Instruments DM3725CBC Datasheet HTML 210Page - Texas Instruments DM3725CBC Datasheet HTML 211Page - Texas Instruments DM3725CBC Datasheet HTML 212Page - Texas Instruments DM3725CBC Datasheet HTML 213Page - Texas Instruments DM3725CBC Datasheet HTML 214Page - Texas Instruments DM3725CBC Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 280 page
background image
swps038-118
rfbi_hsync[1:0]
rfbi_a0
rfbi_csx
rfbi_wr
rfbi_da[n:0]
rfbi_rd
rfbi_te_vsync[1:0]
DATA0
DATA1
CsOnTime
CsOffTime
WeOffTime
CsOnTime
CsOffTime
WeOnTime
WeOffTime
CsPulseWidth
WeCycleTime
WeOnTime
WeCycleTime
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
(1) A = (WECycleTime
– WEOffTime) * (TimeParaGranularity + 1) * L4CLK
(2) B = (WEOffTime
– WEOntime) * (TimeParaGranularity + 1) * L4CLK
(3) C = WEOnTime * (TimeParaGranularity + 1) * L4CLK
(4) D = (WECycleTime + CSPulseWidth
– WEOffTime) * (TimeParaGranularity + 1) * L4CLK if mode Write to Read or Read to Write is
enabled.
(5) E = (WEOnTime
– CSOnTime) * (TimeParaGranularity + 1) * L4CLK
(6) F = (CSOffTime
– WEOffTime) * (TimeParaGranularity + 1) * L4CLK
(7) G = WECycleTime * (TimeParaGranularity + 1) * L4CLK
(8) H = REOnTime * (TimeParaGranularity + 1) * L4CLK
(9) I = (RECycleTime + CSPulseWidth
– REOffTime) * (TimeParaGranularity + 1) * L4CLK if mode Write to Read or Read to Write is
enabled.
(10) J = (RECycleTime
– REOffTime) * (TimeParaGranularity + 1) * L4CLK
(11) K = (REOffTime
– REOntime) * (TimeParaGranularity + 1) * L4CLK
(12) L = (REOnTime
– CSOnTime) * (TimeParaGranularity + 1) * L4CLK
(13) M = (CSOffTime
– REOffTime) * (TimeParaGranularity + 1) * L4CLK
(14) In rfbi_csx, x is equal to 0 or 1.
(15) See Section 4.3.4, Processor Clocks.
(16) 16-bit parallel output interface is selected in DSS register.
(17) At OPP100, L4 clock is 100 MHz and at OPP50, L4 clock is 50 MHz.
(18) rfbi_wr must be at 25 MHz.
(19) These values are calculated by the following formula: RFBI Register (Value) * L4 Clock (ns).
Figure 6-35. DSS
—RFBI Mode—Pico DLP—Command / Data Write(1)(2)
(1) In rfbi_csx, x is equal to 0 or 1.
(2) rfbi_da[n:0], n up to 15
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
211
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com