Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 214 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 214 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 210Page - Texas Instruments DM3725CBC Datasheet HTML 211Page - Texas Instruments DM3725CBC Datasheet HTML 212Page - Texas Instruments DM3725CBC Datasheet HTML 213Page - Texas Instruments DM3725CBC Datasheet HTML 214Page - Texas Instruments DM3725CBC Datasheet HTML 215Page - Texas Instruments DM3725CBC Datasheet HTML 216Page - Texas Instruments DM3725CBC Datasheet HTML 217Page - Texas Instruments DM3725CBC Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
(1) In mcbspx, x identifies the McBSP number: 1, 2, or 3. Note that for the McBSP3, these timings concern only Set #2 (multiplexing mode
on UART pins) and Set #3 (multiplexing mode on McBSP1 pins).
(2) See Section 4.3.4, Processor Clocks.
Table 6-48. McBSP1, 2, and 3 (Sets #2 and #3) Switching Characteristics
—Rising Edge and Receive
Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
B2
td(CLKAE-FSV)
Delay time, mcbsp1_clkr / mcbspx_clkx active edge to
0.7
14.79
0.7
29.58
ns
mcbsp1_fsr / mcbspx_fsx valid
(1) In mcbspx, x identifies the McBSP number: 1, 2, or 3. Note that for the McBSP3, these timings concern only Set #2 (multiplexing mode
on UART pins) and Set #3 (multiplexing mode on McBSP1 pins).
(2) See Section 4.3.4, Processor Clocks.
Table 6-49. McBSP4 (Set #1) Timing Requirements
—Rising Edge and Receive Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
B3
tsu(DRV-CLKXAE)
Setup time, mcbspx_dr valid before
Master
2.87
8.63
ns
mcbspx_clkx active edge
Slave
3.67
7.94
ns
B4
th(CLKXAE-DRV)
Hold time, mcbspx_dr valid after
Master
1.01
1.01
ns
mcbspx_clkx active edge
Slave
0.4
0.4
ns
B5
tsu(FSXV-CLKXAE) Setup time, mcbspx_fsx valid before mcbspx_clkx
3.67
7.94
ns
active edge
B6
th(CLKXAE-FSXV)
Hold time, mcbspx_fsx valid after mcbspx_clkx active
0.5
0.5
ns
edge
(1) In mcbspx, x identifies the McBSP number: 4. Note that for the McBSP4, these timings concern only Set #1: multiplexing mode by
default. The McBSP4 is also multiplexed on GPMC pins (Set #2): the corresponding timings are specified in Table 6-51 and Table 6-52.
(2) See Section 4.3.4, Processor Clocks.
Table 6-50. McBSP4 (Set #1) Switching Characteristics
—Rising Edge and Receive Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
B2
td(CLKXAE-FSXV)
Delay time, mcbspx_clkx active edge to mcbspx_fsx
0.7
16.56
0.7
33.12
ns
valid
(1) In mcbspx, x identifies the McBSP number: 4. Note that for the McBSP4, these timings concern only Set #1: multiplexing mode by
default. The McBSP4 is also multiplexed on GPMC pins (Set #2): the corresponding timings are specified in Table 6-51 and Table 6-52.
(2) See Section 4.3.4, Processor Clocks.
Table 6-51. McBSP3 (Set #1), 4 (Set #2), and 5 Timing Requirements
—Rising Edge and Receive Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
B3
tsu(DRV-CLKXAE)
Setup time, mcbspx_dr valid before
Master
6.49
12.90
ns
mcbspx_clkx active edge
Slave
5.80
12.21
ns
B4
th(CLKXAE-DRV)
Hold time, mcbspx_dr valid after
Master
1.01
1.01
ns
mcbspx_clkx active edge
Slave
0.4
0.4
ns
B5
tsu(FSXV-CLKXAE) Setup time, mcbspx_fsx valid before mcbspx_clkx
5.81
12.21
ns
active edge
B6
th(CLKXAE-FSXV)
Hold time, mcbspx_fsx valid after mcbspx_clkx active
0.5
0.5
ns
edge
214
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com