Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 217 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 217 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 213Page - Texas Instruments DM3725CBC Datasheet HTML 214Page - Texas Instruments DM3725CBC Datasheet HTML 215Page - Texas Instruments DM3725CBC Datasheet HTML 216Page - Texas Instruments DM3725CBC Datasheet HTML 217Page - Texas Instruments DM3725CBC Datasheet HTML 218Page - Texas Instruments DM3725CBC Datasheet HTML 219Page - Texas Instruments DM3725CBC Datasheet HTML 220Page - Texas Instruments DM3725CBC Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 280 page
background image
SWPS038-064
mcbspx_clkx
mcbspx_fsx
mcbspx_dx
D7
D6
D5
B2
B2
B8
SWPS038-065
mcbspx_clkx
mcbspx_fsx
mcbspx_dx
D7
D6
D5
B8
B5
B6
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-58. McBSP3 (Set #1), 4 (Set #2), and 5 Switching Characteristics
—Rising Edge and Transmit
Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
B2
td(CLKXAE-FSXV)
Delay time, mcbspx_clkx active edge to mcbspx_fsx
0.7
22.18
0.7
44.37
ns
valid
B8
td(CLKXAE-DXV)
Delay time, mcbspx_clkx active edge to
Master
0.6
21.28
0.6
43.47
ns
mcbspx_dx valid
Slave
0.6
21.28
0.6
43.47
ns
(1) In mcbspx, x identifies the McBSP number: 3, 4, or 5. Note that for the McBSP3, these timings concern only Set #1: multiplexing mode
by default. The McBSP3 is also multiplexed on UART pins (Set #2) and on McBSP1 pins (Set #3): the corresponding timings are
specified in Table 6-53 and Table 6-54.
For the McBSP4, these timings concern only Set #2 (multiplexing mode on GPMC pins).
(2) See Section 4.3.4, Processor Clocks.
(1)
In mcbspx, x identifies the McBSP number: 1, 2, 3, 4, or 5.
Figure 6-38. McBSP Rising Edge Transmit Timing in Master Mode
(1)
In mcbspx, x identifies the McBSP number: 1, 2, 3, 4, or 5.
Figure 6-39. McBSP Rising Edge Transmit Timing in Slave Mode
6.6.1.1.2 Falling Edge as Activation Edge
6.6.1.1.2.1 Timing with Falling Edge as Activation Edge Mode
—Receive Mode
Table 6-59. McBSP1, 2, 3 (Sets #2 and #3) Timing Requirements
—Falling Edge and Receive Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
B3
tsu(DRV-CLKAE)
Setup time, mcbspx_dr valid before
Master
4.36
8.63
ns
mcbsp1_clkr / mcbspx_clkx active edge
Slave
3.67
7.94
ns
B4
th(CLKAE-DRV)
Hold time, mcbspx_dr valid after
Master
1.01
1.01
ns
mcbsp1_clkr / mcbspx_clkx active edge
Slave
0.4
0.4
ns
B5
tsu(FSV-CLKAE)
Setup time, mcbsp1_fsr / mcbspx_fsx valid before
3.7
7.94
ns
mcbsp1_clkr / mcbspx_clkx active edge
B6
th(CLKAE-FSV)
Hold time, mcbsp1_fsr / mcbspx_fsx valid after
0.5
0.5
ns
mcbsp1_clkr / mcbspx_clkx active edge
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
217
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com