Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 247 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 247 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 243Page - Texas Instruments DM3725CBC Datasheet HTML 244Page - Texas Instruments DM3725CBC Datasheet HTML 245Page - Texas Instruments DM3725CBC Datasheet HTML 246Page - Texas Instruments DM3725CBC Datasheet HTML 247Page - Texas Instruments DM3725CBC Datasheet HTML 248Page - Texas Instruments DM3725CBC Datasheet HTML 249Page - Texas Instruments DM3725CBC Datasheet HTML 250Page - Texas Instruments DM3725CBC Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-111. MMC1 Interface Switching Characteristics
—SD Identification Modes(4) (7) (continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
6.3
2492.7
6.3
2492.7
ns
transition
MMC1 Interface (3.0-V IO)
tR(clk)
Rise time, output clock
10
10
ns
tF(clk)
Fall time, output clock
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
6.3
2492.7
6.3
2492.7
ns
transition
(1) Related with the output clock maximum and minimum frequencies programmable in mmc module.
(2) PO = output clock period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) Corresponding figures showing timing parameters are common with other interface modes. (See SD, HS SD modes).
(5) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(6) The Y parameter is defined as follows:
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(7) See Section 4.3.4, Processor Clocks.
6.6.8.1.2 MMC1 Interface
—High-Speed SD Mode
Table 6-113 and Table 6-114 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-65 and Figure 6-66).
Table 6-112. MMC1 Interface Timing Conditions
—High-Speed SD Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
3
ns
tF
Input signal fall time
3
ns
Output Condition
CLOAD
Output load capacitance(1)
40
pF
(1) Buffer strength configuration: SPEEDCTRL = 1.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
247
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com