Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 249 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 249 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 245Page - Texas Instruments DM3725CBC Datasheet HTML 246Page - Texas Instruments DM3725CBC Datasheet HTML 247Page - Texas Instruments DM3725CBC Datasheet HTML 248Page - Texas Instruments DM3725CBC Datasheet HTML 249Page - Texas Instruments DM3725CBC Datasheet HTML 250Page - Texas Instruments DM3725CBC Datasheet HTML 251Page - Texas Instruments DM3725CBC Datasheet HTML 252Page - Texas Instruments DM3725CBC Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-114. MMC1 Interface Switching Characteristics
—High-Speed SD Mode(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
High-Speed SD Mode
HSSD1
tc(clk)
Frequency(1), output clock period
48
24
MHz
HSSD2
tW(clkH)
Typical pulse duration, output clock high
X(4)*PO(2)
X(4)*PO(2)
ns
HSSD2
tW(clkL)
Typical pulse duration, output clock low
Y(5)*PO(2)
Y(5)*PO(2)
ns
tdc(clk)
Duty cycle error, output clock
1041.67
2083.33
ps
tJ(clk)
Jitter standard deviation(3), output clock
200
200
ps
MMC1 Interface (1.8-V IO)
tR(clk)
Rise time, output clock
3
3
ns
tF(clk)
Fall time, output clock
3
3
ns
tR(data)
Rise time, output data
3
3
ns
tF(data)
Fall time, output data
3
3
ns
HSSD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
3.72
14.11
4.13
34.53
ns
transition
HSSD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
3.72
14.11
4.13
34.53
ns
mmc1_dat[n:0](6) transition
MMC1 Interface (3.0-V IO)
tR(clk)
Rise time, output clock
3
3
ns
tF(clk)
Fall time, output clock
3
3
ns
tR(data)
Rise time, output data
3
3
ns
tF(data)
Fall time, output data
3
3
ns
HSSD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
3.72
14.11
4.13
34.53
ns
transition
HSSD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
3.72
14.11
4.13
34.53
ns
mmc1_dat[n:0](6) transition
(1) Related with the output clock maximum and minimum frequencies programmable in MMC module.
(2) PO = output clock period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(5) The Y parameter is defined as follows:
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(6) In mmc1_dat[n:0], n is equal to 3.
(7) See Section 4.3.4, Processor Clocks.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
249
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com