Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 253 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 253 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 249Page - Texas Instruments DM3725CBC Datasheet HTML 250Page - Texas Instruments DM3725CBC Datasheet HTML 251Page - Texas Instruments DM3725CBC Datasheet HTML 252Page - Texas Instruments DM3725CBC Datasheet HTML 253Page - Texas Instruments DM3725CBC Datasheet HTML 254Page - Texas Instruments DM3725CBC Datasheet HTML 255Page - Texas Instruments DM3725CBC Datasheet HTML 256Page - Texas Instruments DM3725CBC Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-118. MMC1 Interface Timing Conditions
—Standard MMC and MMC Identification Modes
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
3
ns
tF
Input signal fall time
3
ns
Output Conditions
CLOAD
Output load capacitance(1)
30
pF
(1) Buffer strength configuration: SPEEDCTRL = 1.
Table 6-119. MMC1 Interface Timing Requirements
—Standard MMC and MMC Identification Modes(2) (3) (4)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC1 Interface (1.8-V IO)
MMC3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk rising
13.6
55.1
ns
clock edge
MMC4
th(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk rising
7.7
7.5
ns
clock edge
MMC7
tsu(DATxV-CLKIH)
Setup time, mmc1_dat[n:0](1) valid before mmc1_clk
13.6
55.1
ns
rising clock edge
MMC8
th(CLKIH-DATxIV)
Hold time, mmc1_dat[n:0](1) valid after mmc1_clk
7.7
7.5
ns
rising clock edge
MMC1 Interface (3.0-V IO)
MMC3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk rising
13.6
55.1
ns
clock edge
MMC4
th(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk rising
7.7
7.5
ns
clock edge
MMC7
tsu(DATxV-CLKIH)
Setup time, mmc1_dat[n:0](1) valid before mmc1_clk
13.6
55.1
ns
rising clock edge
MMC8
th(CLKIH-DATxIV)
Hold time, mmc1_dat[n:0](1) valid after mmc1_clk
7.7
7.5
ns
rising clock edge
(1) In mmc1_dat[n:0], n is equal to 3.
(2) Timing parameters are referred to output clock specified in Table 6-120.
(3) The timing requirements are assured for the cycle jitter and duty cycle error conditions specified in Table 6-120.
(4) See Section 4.3.4, Processor Clocks.
Table 6-120. MMC1 Interface Switching Characteristics
—Standard MMC and MMC Identification Modes(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC Identification Mode
MMC1
1/tc(clk)
Frequency(1), output clk period
0.4
0.4
MHz
MMC2
tW(clkH)
Typical pulse duration, output clk high
X(5)*PO(2)
X(5)*PO(2)
ns
MMC2
tW(clkL)
Typical pulse duration, output clk low
Y(6)*PO(2)
Y(6)*PO(2)
ns
tdc(clk)
Duty cycle error, output clk
125
125
ns
tJ(clk)
Jitter standard deviation(3), output clk
200
200
ps
Standard MMC Identification Mode
MMC1
tc(clk)
Frequency(1), output clk period
24
12
MHz
MMC2
tW(clkH)
Typical pulse duration, output clk high
X(5)*PO(2)
X(5)*PO(2)
ns
MMC2
tW(clkL)
Typical pulse duration, output clk low
Y(6)*PO(2)
Y(6)*PO(2)
ns
tdc(clk)
Duty cycle error, output clk
2083.3
4166.7
ps
tJ(clk)
Jitter standard deviation(3), output clk
200
200
ps
MMC1 Interface (1.8-V IO)
tR(clk)
Rise time, output clk
10
10
ns
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
253
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com