Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 255 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 255 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 251Page - Texas Instruments DM3725CBC Datasheet HTML 252Page - Texas Instruments DM3725CBC Datasheet HTML 253Page - Texas Instruments DM3725CBC Datasheet HTML 254Page - Texas Instruments DM3725CBC Datasheet HTML 255Page - Texas Instruments DM3725CBC Datasheet HTML 256Page - Texas Instruments DM3725CBC Datasheet HTML 257Page - Texas Instruments DM3725CBC Datasheet HTML 258Page - Texas Instruments DM3725CBC Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 280 page
background image
SWPS038-103
mmc1_clk
mmc1_cmd
mmc1_dat[3:0]
MMC5
MMC5
MMC6
MMC6
MMC1
MMC2
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Figure 6-70. MMC1 Interface
—Standard MMC and MMC Identification Modes—Data/Command Transmit
6.6.8.1.5 MMC1 Interface
—High-Speed MMC Mode
Table 6-122 and Table 6-123 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-71 and Figure 6-72).
Table 6-121. MMC1 Interface Timing Conditions
—High-Speed MMC Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
3
ns
tF
Input signal fall time
3
ns
Output Conditions
CLOAD
Output load capacitance(1)
30
pF
(1) The load setting of the IO buffer: SPEEDCTRL = 1.
Table 6-122. MMC1 Interface Timing Requirements
—High-Speed MMC Mode(2) (3) (4) (5)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC1 Interface (1.8-V IO)
MMC3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk rising
5.6
26.0
ns
clock edge
MMC4
th(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk rising
2.3
1.9
ns
clock edge
MMC7
tsu(DATxV-CLKIH)
Setup time, mmc1_dat[n:0](1) valid before mmc1_clk
5.6
26.0
ns
rising clock edge
MMC8
th(CLKIH-DATxIV)
Hold time, mmc1_dat[n:0](1) valid after mmc1_clk
2.3
1.9
ns
rising clock edge
MMC1 Interface (3.0-V IO)
MMC3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk rising
5.6
26.0
ns
clock edge
MMC4
th(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk rising
2.3
1.9
ns
clock edge
MMC7
tsu(DATxV-CLKIH)
Setup time, mmc1_dat[n:0](1) valid before mmc1_clk
5.6
26.0
ns
rising clock edge
MMC8
th(CLKIH-DATxIV)
Hold time, mmc1_dat[n:0](1) valid after mmc1_clk
2.3
1.9
ns
rising clock edge
(1) In mmc1_dat[n:0], n is equal to 3.
(2) Timing parameters are referred to output clock specified in Table 6-123.
(3) The timing requirements are assured for the cycle jitter and duty cycle error conditions specified in Table 6-123.
(4) Corresponding figures showing timing parameters are common with the Standard MMC mode figures.
(5) See Section 4.3.4, Processor Clocks.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
255
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com