Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 258 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 258 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 254Page - Texas Instruments DM3725CBC Datasheet HTML 255Page - Texas Instruments DM3725CBC Datasheet HTML 256Page - Texas Instruments DM3725CBC Datasheet HTML 257Page - Texas Instruments DM3725CBC Datasheet HTML 258Page - Texas Instruments DM3725CBC Datasheet HTML 259Page - Texas Instruments DM3725CBC Datasheet HTML 260Page - Texas Instruments DM3725CBC Datasheet HTML 261Page - Texas Instruments DM3725CBC Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-126. MMC2 and MMC3 Interfaces Switching Characteristics
—SDIO Identification Mode(4)(7)(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
Standard SDIO Mode
SD1
tc(clk)
Frequency(1), output clock period
0.4
0.4
MHz
SD2
tW(clkH)
Typical pulse duration, output clock high
X(5) *
X(5) *
ns
PO(2)
PO(2)
SD2
tW(clkL)
Typical pulse duration, output clock low
Y(6) *
Y(6) *
ns
PO(2)
PO(2)
tdc(clk)
Duty cycle error, output clock
125
125
ns
tJ(clk)
Jitter standard deviation(3), output clock
200
200
ps
tR(clk)
Rise time, output clock
10
10
ns
tF(clk)
Fall time, output clock
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmcx_clk rising clock edge to
6.3
2492.7
6.3
77.03
ns
mmcx_cmd transition
(1) Related to the output mmcx_clk maximum and minimum frequency.
(2) P = output mmcx_clk period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) Corresponding figures showing timing parameters are common with other interface modes (see SDIO, HS SDIO modes).
(5) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(6) The Y parameter is defined as follows:
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(7) In mmcx, x is equal to 2 or 3.
6.6.8.1.7 MMC2 and MMC3 Interfaces
—High-Speed SDIO Mode
Table 6-128 and Table 6-129 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-73 and Figure 6-74).
Table 6-127. MMC2 and MMC3 Interfaces Timing Conditions
—High-Speed SDIO Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
0.18
5.69
ns
tF
Input signal fall time
0.19
5.70
ns
Output Condition
CLOAD
Output load capacitance(1)
5
pF
258
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com