Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 261 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 261 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 257Page - Texas Instruments DM3725CBC Datasheet HTML 258Page - Texas Instruments DM3725CBC Datasheet HTML 259Page - Texas Instruments DM3725CBC Datasheet HTML 260Page - Texas Instruments DM3725CBC Datasheet HTML 261Page - Texas Instruments DM3725CBC Datasheet HTML 262Page - Texas Instruments DM3725CBC Datasheet HTML 263Page - Texas Instruments DM3725CBC Datasheet HTML 264Page - Texas Instruments DM3725CBC Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 280 page
background image
SWPS038-098
mmc1_clk
mmc1_cmd
mmc1_dat[n:0]
SD3
SD7
SD4
SD8
SD1
SD2
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-132. MMC2 and MMC3 Interfaces Switching Characteristics
—Standard SDIO Mode(6)(7) (continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tJ(clk)
Jitter standard deviation(3), output clock
200
200
ps
tR(clk)
Rise time, output clock
10
10
ns
tF(clk)
Fall time, output clock
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmcx_clk rising clock edge to
6.13
35.53
6.3
77.03
ns
mmcx_cmd transition
SD6
td(CLKOH-DATx)
Delay time, mmcx_clk rising clock edge to
6.13
35.53
6.3
77.03
ns
mmcx_dat[n:0](6) transition
(1) Related to the output mmcx_clk maximum and minimum frequency.
(2) P = output mmcx_clk period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(5) The Y parameter is defined as follows:
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(6) In mmcx, x is equal to 2 or 3. In mmcx_dat[n :0] is equal to 3 for mmc2 and 7 for mmc3.
(7) See Section 4.3.4, Processor Clocks.
Figure 6-75. MMC2 and MMC3 Interfaces
—Standard SDIO Mode—Data/Command Receive(1)
(1) In mmcx, x is equal to 2 or 3. In mmcx_dat[n:0] is equal to 3 for MMC2 and 7 for MMC3.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
261
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com