Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 259 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 259 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 255Page - Texas Instruments DM3725CBC Datasheet HTML 256Page - Texas Instruments DM3725CBC Datasheet HTML 257Page - Texas Instruments DM3725CBC Datasheet HTML 258Page - Texas Instruments DM3725CBC Datasheet HTML 259Page - Texas Instruments DM3725CBC Datasheet HTML 260Page - Texas Instruments DM3725CBC Datasheet HTML 261Page - Texas Instruments DM3725CBC Datasheet HTML 262Page - Texas Instruments DM3725CBC Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 280 page
background image
SWPS038-096
mmcx_clk
mmcx_cmd
mmcx_dat[n:0]
HSSD4
HSSD8
HSSD3
HSSD7
HSSD1
HSSD2
HSSD2
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
(1) Buffer strength configuration for MMC2 and MMC3: LB0 = 0.
Table 6-128. MMC2 and MMC3 Interfaces Timing Requirements
—High-Speed SDIO Mode(2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
HSSD3
tsu(dV-clkH)
Setup time, mmcx_cmd valid before mmcx_clk rising
3.4
23.8
ns
clock edge
HSSD4
th(clkH-dV)
Hold time, mmcx_cmd valid after mmcx_clk rising
1.7
1.3
ns
clock edge
HSSD7
tsu(dV-clkH)
Setup time, mmcx_dat[n:0](1) valid before mmcx_clk
3.4
23.8
ns
rising clock edge
HSSD8
th(clkH-dV)
Hold time, mmcx_dat[n:0](1) valid after mmcx_clk rising
1.7
1.3
ns
clock edge
(1) In mmcx_dat[n:0], n is equal to 3 for mmc2 and 7 for mmc3.
(2) See Section 4.3.4, Processor Clocks.
Table 6-129. MMC2 and MMC3 Interfaces Switching Characteristics
—High-Speed SDIO Mode(2) (5)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
HSSD1
tc(clk)
Frequency(1), output mmcx_clk period
48
24
MHz
HSSD2
tW(clkH)
Typical pulse duration, output mmcx_clk high
0.5*P(3)
0.5*P(3)
ns
HSSD2
tW(clkL)
Typical pulse duration, output mmcx_clk low
0.5*P(3)
0.5*P(3)
ns
tdc(clk)
Duty cycle error, output mmcx_clk
–1042
1042
–2083
2083
ps
tJ(clk)
Jitter standard deviation(4), output mmcx_clk
–65
65
–65
65
ps
HSSD5
td(clkL-doV)
Delay time, mmcx_clk rising clock edge to mmcx_cmd
2.6
13.8
3
34.3
ns
transition
HSSD6
td(clkL-doV)
Delay time, mmcx_clk rising clock edge to
2.6
13.8
3
34.3
ns
mmcx_dat[n:0](2) transition
(1) Related with the output mmcx_clk maximum and minimum frequency.
(2) In mmcx, x = 2 or 3. In mmcx_dat[n:0], n is equal to 3 for mmc2 and 7 for mmc3.
(3) P = output mmcx_clk period in ns.
(4) The jitter probability density can be approximated by a Gaussian function.
(5) See Section 4.3.4, Processor Clocks.
Figure 6-73. MMC2 and MMC3 Interfaces
—High-Speed SDIO Mode—Data/Command Receive(1)
(1) In mmcx, x = 2 or 3. In mmcx_dat[n:0], n is equal to 3 for mmc2 and 7 for mmc3.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
259
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com