Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 254 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 254 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 250Page - Texas Instruments DM3725CBC Datasheet HTML 251Page - Texas Instruments DM3725CBC Datasheet HTML 252Page - Texas Instruments DM3725CBC Datasheet HTML 253Page - Texas Instruments DM3725CBC Datasheet HTML 254Page - Texas Instruments DM3725CBC Datasheet HTML 255Page - Texas Instruments DM3725CBC Datasheet HTML 256Page - Texas Instruments DM3725CBC Datasheet HTML 257Page - Texas Instruments DM3725CBC Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 280 page
background image
SWPS038-102
mmc1_clk
mmc1_cmd
mmc1_dat[3:0]
MMC3
MMC7
MMC4
MMC8
MMC1
MMC2
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-120. MMC1 Interface Switching Characteristics
—Standard MMC and MMC Identification Modes(7)
(continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tF(clk)
Fall time, output clk
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
MMC5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
4.1
37.6
4.3
79
ns
transition
MMC6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
4.1
37.6
4.3
79
ns
mmc1_dat[n:0](4) transition
MMC1 Interface (3.0-V IO)
tR(clk)
Rise time, output clk
10
10
ns
tF(clk)
Fall time, output clk
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
MMC5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
4.1
37.6
4.3
79
ns
transition
MMC6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
4.1
37.6
4.3
79
ns
mmc1_dat[n:0](4) transition
(1) Related with the output clock maximum and minimum frequencies programmable in MMC module.
(2) PO = output clock period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) In mmc1_dat[n:0], n is equal to 3.
(5) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(6) The Y parameter is defined as follows:
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(7) See Section 4.3.4, Processor Clocks.
Figure 6-69. MMC1 Interface
—Standard MMC and MMC Identification Modes—Data/Command Receive
254
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com