Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963-EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9963-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963-EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9963-EBZ Datasheet HTML 41Page - Analog Devices AD9963-EBZ Datasheet HTML 42Page - Analog Devices AD9963-EBZ Datasheet HTML 43Page - Analog Devices AD9963-EBZ Datasheet HTML 44Page - Analog Devices AD9963-EBZ Datasheet HTML 45Page - Analog Devices AD9963-EBZ Datasheet HTML 46Page - Analog Devices AD9963-EBZ Datasheet HTML 47Page - Analog Devices AD9963-EBZ Datasheet HTML 48Page - Analog Devices AD9963-EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 45 of 60
DEVICE CLOCKING
CLOCK DISTRIBUTION
The clock distribution diagram shown in Figure 65 gives an
overview of the clocking options for each of the data converters.
The receive path ADCs and the transmit path DACs can be
clocked directly from the CLKP/CLKN inputs or from the
output of the on-chip DLL. The auxiliary ADC sampling clock
is always a divided down version of the input clock. The
auxiliary DACs are updated synchronously with the serial port
clock and have no relationship with the CLKP/CLKN inputs.
The best data converter performance is realized when a low
jitter clock source drives the CLKP/CLKN inputs, and this
signal is used directly (or through the on-chip divider) as the
data converter sampling clocks. The ADC and DAC sampling
clocks are independently selected to be derived from either the
CLKP/CLKN input or from the DLL output, DLLCLK. Using
DLLCLK as the data converter sampling clock signal may
degrade the noise and SFDR performance of the converters.
More information is given in the Clock Multiplication Using the
DLL section.
The receive path ADC has a duty cycle stabilizer (DCS) to help
make the ADC performance insensitive to changes in the input
clock duty cycle. The DCS can be bypassed. Recommendations
for using the DCS can be found in the Clock Duty Cycle
Considerations section.
The ADC clock divider and the DLL clock multiplication
supports a variety of ratios between the receive path ADC
sampling clock and the transmit path DAC sampling clock.
Table 21 details the specific values the device supports and
which register bits are require configuration.
Table 21. Clock Tree Configuration Variables
Variable
Values
Address
Register
Bit(s)
DCS_BP
0 or1
0x66
2
ADCDIV
1, 2, 4
0x66
[1:0]
ADCCLKSEL
0 or 1
0x71
7
DACCLKSEL
0 or 1
0x71
6
N
1 to 6, 8
0x71
[3:0]
M
1, 2, 3,…, 32
0x72
[4:0]
DLLDIV
1, 2, 4
0x72
[6:5]
AUXDIV
2J, J = 1 to 8
0x7A
[2:0]
CLKP
CLKN
DLL
ADCCLK
DACCLK
ADCCLKSEL
÷DLLDIV
AUXCLK
DACCLKSEL
EXTDLLCLK
DCS_BP
1
0
1
0
CLK_PD
ADC
DAC
AUXADC
DLLCLK
DCS
0
1
M
N
÷AUXDIV
DOUBLER
AND
÷ADCDIV
Figure 65. Clock Distribution Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com