Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963-EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9963-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963-EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9963-EBZ Datasheet HTML 25Page - Analog Devices AD9963-EBZ Datasheet HTML 26Page - Analog Devices AD9963-EBZ Datasheet HTML 27Page - Analog Devices AD9963-EBZ Datasheet HTML 28Page - Analog Devices AD9963-EBZ Datasheet HTML 29Page - Analog Devices AD9963-EBZ Datasheet HTML 30Page - Analog Devices AD9963-EBZ Datasheet HTML 31Page - Analog Devices AD9963-EBZ Datasheet HTML 32Page - Analog Devices AD9963-EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 29 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
DAC10A Config
0x48
7
DAC10A_EN
0: powers down DAC10A.
1: enables DAC10A.
6:5
Unused
4:2
DAC10A_TOP[2:0]
Sets the DAC output voltage at the top range as follows:
000: 1.0 V.
001: 1.5 V.
010: 2.0 V.
011: 2.5 V.
100: 3.0 V.
1:0
DAC10A_RNG[1:0]
The total range of the DAC extends from top-of-range to top-of-range
minus the span. The span is set as:
00: 2.0 V.
01: 1.5 V.
10: 1.0 V.
11: 0.5 V.
DAC10A MSBs
0x49
7:0
DAC10A[9:2]
DAC10A voltage control word (eight most significant bits).
DAC10A LSBs
0x4A
7:2
Unused
1:0
DAC10A[1:0]
DAC10A voltage control word (two least significant bits).
TX BIST Control
0x50
7:5
Unused
Unused
4
TX_PTTRN
Chooses the pattern type for the BIST sequence.
0: selects PRN output.
1: selects checker board pattern (0xA5A, 0x5A5, 0xA5A, …).
3
TX_INSEL
0: selects pattern input from internal pattern generator.
1: selects pattern from the external pins of the Tx port.
2
TX_CONT
0: runs the BIST for 512 cycles.
1: runs the BIST continuously.
1
TX_START
0: keep the BIST engine in an idle state.
1: start the BIST sequence.
0
TX_BISTEN
0: disable the BIST engine.
1: enable the BIST engine.
RX BIST Control
0x51
7:5
Unused
4
RX_PTTRN
Chooses the pattern type for the BIST sequence.
0: selects PRN output.
1: selects checker board pattern (0xA5A, 0x5A5, 0xA5A, …).
3
RX_INSEL
0: selects pattern input from internal pattern generator.
1: selects pattern from the external pins of the Rx path.
2
RX_CONT
0: runs the BIST for 512 cycles.
1: runs the BIST continuously.
1
RX_START
0: keep the BIST engine in an idle state.
1: start the BIST sequence.
0
RX_BISTEN
0: disable the BIST engine.
1: enable the BIST engine.
TXI Check MSB
0x52
7:0
TXI_CHK[15:8]
MSB of the BIST signature value for the I side transmit path.
TXI Check LSB
0x53
7:0
TXI_CHK[7:0]
LSB of the BIST signature value for the I side transmit path.
TXQ Check MSB
0x54
7:0
TXQ_CHK[15:8]
MSB of the BIST signature value for the Q side transmit path.
TXQ Check LSB
0x55
7:0
TXQ_CHK[7:0]
LSB of the BIST signature value for the Q side transmit path.
Version
0x5C
7:0
Chip ID[7:0]
Indicates device hardware revision number. Should read back as 0x08.
Power Down 0
0x60
7
DLL_EN
0: powers down DLL block.
1: enables DLL block.
6
TXDAC_PD
1: powers down the bandgap reference voltage common to both
transmit DACs and all of the auxiliary DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com