Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963-EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9963-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963-EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9963-EBZ Datasheet HTML 26Page - Analog Devices AD9963-EBZ Datasheet HTML 27Page - Analog Devices AD9963-EBZ Datasheet HTML 28Page - Analog Devices AD9963-EBZ Datasheet HTML 29Page - Analog Devices AD9963-EBZ Datasheet HTML 30Page - Analog Devices AD9963-EBZ Datasheet HTML 31Page - Analog Devices AD9963-EBZ Datasheet HTML 32Page - Analog Devices AD9963-EBZ Datasheet HTML 33Page - Analog Devices AD9963-EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 30 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
5
TXI_SLEEP
1: turns off IDAC output current.
4
TXQ_SLEEP
1: turns off QDAC output current.
3
CLK_PD
1: turns off clock receiver. This disables all clocks on the chip except for
the serial port clock.
2
RXADC_PD
1: powers down main ADC clock and the bandgap reference voltage
common to both receive ADCs.
1
RXQ_SLEEP
1: powers down the Q ADC core.
0
RXI_SLEEP
1: powers down the I ADC core.
Power Down 1
0x61
7
Unused
6
DLL_LDO_PD
1: powers down LDO that supplies the DLL18V voltage rail.
5
DLLBIAS_PD
1: powers down bias sub-block inside DLL block.
4
CLK_LDO_PD
1: powers down LDO that supplies the CLK18V voltage rail.
3
RX_LDO_PD
1: powers down LDO that supplies the RX18V voltage rail.
2
RXF_LDO_PD
1: powers down LDO that supplies the RX18VF voltage rail.
1
AUXADC_PD
1: powers down AUXADC block.
0
AUX_REF_PD
1: powers down the auxiliary ADC voltage reference, allowing an external
reference to be used.
LDO Status
0x62
7
DLL_LDO_STAT
1: LDO to DLL block is on (read only).
6
CLK_LDO_STAT
1: LDO to CLOCK block is on (read only).
5
RX_LDO_STAT
1: LDO to ADC blocks is on (read only).
4
RXF_LDO_STAT
1: LDO to FLASH section of ADC is on (read only).
3
DIG_LDO_STAT
1: LDO to digital core is on (read only).
2
Unused
1
Unused
0
RSET_SEL
0: selects internal 10 kΩ to generate 1 V reference.
1: selects external RSET to generate voltage reference.
Output Drive
0x63
7:6
TRXD_DRV
Controls the drive strength of the TRXD[11:0] pins.
00: 4 mA output drive.
01: 8 mA output drive.
10: 12 mA output drive.
11: not valid.
5:4
TRXIQ_DRV
Controls the drive strength of the TRXIQ pin.
00: 4 mA output drive.
01: 8 mA output drive.
10: 12 mA output drive.
11: not valid.
3:2
TRXCLK_DRV
Controls the drive strength of the TRXCLK pin.
00: 4 mA output drive.
01: 8 mA output drive.
10: 12 mA output drive.
11: not valid.
1:0
TXCLK_DRV
Controls the drive strength of the TXCLK pin.
00: 4 mA output drive.
01: 8 mA output drive.
10: 12 mA output drive.
11: not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com