Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9963-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9963-EBZ Datasheet HTML 4Page - Analog Devices AD9963-EBZ Datasheet HTML 5Page - Analog Devices AD9963-EBZ Datasheet HTML 6Page - Analog Devices AD9963-EBZ Datasheet HTML 7Page - Analog Devices AD9963-EBZ Datasheet HTML 8Page - Analog Devices AD9963-EBZ Datasheet HTML 9Page - Analog Devices AD9963-EBZ Datasheet HTML 10Page - Analog Devices AD9963-EBZ Datasheet HTML 11Page - Analog Devices AD9963-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 8 of 60
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect to
Rating
RX33V, AUX33V
RXGND
−0.3 V to +3.9 V
TXVDD
TXGND
−0.3 V to +3.9 V
DRVDD
DGND
−0.3 V to +3.9 V
CLK33V
EPAD
−0.3 V to +3.9 V
RX18V, RX18VF
RXGND
−0.3 to +2.1 V
DVDD18V
EPAD
−0.3 to +2.1 V
CLK18V, DLL18V
EPAD
−0.3 to +2.1 V
RXGND, TXGND, DGND,
EPAD
−0.3 V to +0.3 V
TXIP, TXIN, TXQP, TXQN
TXGND
−1.0 V to TXVDD +
0.3 V
RXIP, RXIN, RXQP, RXQN
RXGND
−0.3 V to RX18V +
0.3 V
CS, SCLK, SDIO, RESET,
LDO_EN
DGND
−0.3V to DRVDD +
0.3 V
TRXD[11:0], TXD[11:0], TXIQ,
TRXIQ, TXCLK, TRXCLK
DGND
−0.3 V to DRVDD +
0.3 V
CLKP, CLKN
EPAD
−0.3 V to CLK33V +
0.3 V
Junction Temperature
+125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the
customer board increases the reliability of the solder joints,
maximizing the thermal capability of the package.
Table 7. Thermal Resistance
Airflow
θ
JA
θ
JB
θ
JC
Unit
1 m/sec
17.1
10.6
1.0
°C/W
0 m/sec
20.3
°C/W
Typical θJA, θJB, and θJC are specified for a JEDEC standard 51-7
High-κ thermal test board. Airflow increases heat dissipation,
effectively reducing θJA. In addition, metal in direct contact with
the package leads from metal traces, through holes, ground, and
power planes, reduces the θJA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com