Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  ezLINX?줙ardware User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 5Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 6Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 12Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ezLINX™
Hardware User
Guide
i
Coupler® Isolated Interface Development
Environment
Rev. PrA | Page 9 of 15
Figure 9. ADuM3401, ADuM3402, ADuM5000 Isolated SPI Implementation
ISOLATED LVDS
The Isolated LVDS port is implemented using the ADuM3442
i
Coupler signal isolator, the ADN4664 dual LVDS receiver, the
ADN4663 dual LVDS transmitter and the ADuM5000
iso
Power Isolated DC to DC converter. The ADuM3442 is
connected to SPORT2 of the ADSP-BF548. Figure 10 shows a
circuit diagram of the implementation of Isolated LVDS using
the ADuM3442, ADN4663, ADN4664 and ADuM5000 on the
ez
LINX hardware.
VDD1 of the ADuM3442, and VDD1 of the ADuM5000 are
powered by 3.3V. The ADuM5000 will generate an isolated 3.3V
and is used to supply power to VDD2 of the ADuM3442, VCC of
the ADN4663 and the ADN4664.
A 32 pin header connector is used for easy access to the Isolated
LVDS signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com