Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  ezLINX?줙ardware User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 6Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 12Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 13Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
i
Coupler® Isolated Interface
Development Environment
ezLINX™
Hardware User Guide
Rev. PrA | Page 10 of 15
Figure 10. ADuM3442, ADN4663, ADN4664 and ADuM5000 Isolated LVDS Implementation
POWER INPUT
An AC/DC desktop power supply is used to supply 7.5V input
to the barrel connector J1 on the ezLINX hardware. This supply
connects through a protection circuit as shown in Figure 11 to
the UNREG_IN node of the circuit.
Figure 11. Power Input
3.3V POWER SUPPLY
The ADP1864 Constant Frequency Current-Mode Step-Down
DC-to-DC Controller is used with an external P-Channel
Mosfet to generate the regulated 3.3V Power Supply for the
ez
LINX hardware. The circuit implementation of the 3.3V
power supply is shown in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com