Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  ezLINX?줙ardware User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 12Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 13Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 14Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ezLINX™
Hardware User
Guide
i
Coupler® Isolated Interface Development
Environment
Rev. PrA | Page 11 of 15
Figure 12. 3.3V Power Supply
1.2V, 2.5V AND 5V POWER SUPPLIES
A P-Channel mosfet is used to regulate the 3.3V input to 1.2V,
See Figure 13. The ADP1706 Linear regulator is used to regulate
the 3.3V input to 2.5V, See Figure 14. The ADP3335 low
dropout regulator is used to regulate the UNREG_IN input to
5V, See Figure 15.
Figure 13. 1.2V Power Supply
Figure 14. 2.5V Power Supply
Figure 15. 5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com