Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  ezLINX?줙ardware User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 1 Page - Analog Devices

  EZLINX-IIIDE-EBZ Datasheet HTML 1Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 2Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 3Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 4Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 5Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 6Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ez
LINX™Hardware User Guide
i
Coupler®Isolated Interface Development Environment
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. PrA | Page 1 of 15
FEATURES
Plug and Play system evaluation
Easy evaluation of eight isolated Physical layer
communication standards
Open source hardware
Open source software
i
Coupler® and isoPower® technology
ADSP-BF548 Blackfin Processor running uCLinux
Sample PC application
Sample embedded UCLinux application
64 MB RAM
32 MB Flash
Extender connector for additional functionality
APPLICATIONS
Isolated Interfaces
EVALUATION KIT CONTENTS
One each
EZLINX-IIIDE-EBZ
Power Supply
USB-A to USB Mini B Cable
EZLINX-IIIDE-EBZ
Figure 1.
GENERAL DESCRIPTION
The ezLINX iCoupler Isolated Interface Development
environment provides developers with a cost-effective, plug and
play method for evaluating eight physical Layer, digitally-
isolated communication standards(USB, RS-422, RS-485, RS-
232, CAN, SPI, I2C and LVDS). The Blackfin® ADSP-BF548
processor is used to run the uCLinux operating system and
allows for easy customization through the open source
hardware and software platform. Development time is
significantly reduced for embedded designers and system
architects who are designing and evaluating isolated
communication standards.The Interfaces on ezLINX use ADI's
isolated transceivers with integrated iCoupler and isoPower®
digital isolator technology.
The Hardware of the ezLINX iCoupler isolated interface
development environment contains the ADSP-BF548 Blackfin
processor with 64MB of RAM and 32MB of Flash memory. The
Isolated Physical layer communication standards are
implemented using ADI's isolated transceivers with integrated
i
Coupler and isoPower technology. Included are the following:
•
Isolated USB using the ADuM3160
•
Isolated CAN using the ADM3053 Signal and Power
Isolated CAN transceiver
•
Isolated RS-485 and RS-422 using the ADM2587E
Signal and Power Isolated RS-485/RS-422 transceiver
•
Isolated RS-232 using the ADM3252E Signal and
Power Isolated RS-232 transceiver
•
Isolated I2C using the ADuM1250 and ADuM5000
•
Isolated SPI using the ADuM3401, ADuM3402 and
ADuM5000
•
Isolated LVDS using the ADuM3442, ADuM5000,
ADN4663 and ADN4664


Similar Part No. - EZLINX-IIIDE-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EZLINX-IIIDE-EBZ AD-EZLINX-IIIDE-EBZ Datasheet
523Kb / 18P
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
More results

Similar Description - EZLINX-IIIDE-EBZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
Device User Guide
logo
Freescale Semiconductor...
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
Device User Guide
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
LOG114EVM User Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
Device User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
USER GUIDE
logo
List of Unclassifed Man...
ATSTK503 ETC2-ATSTK503 Datasheet
704Kb / 17P
STK503 User Guide
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
USER GUIDE
Jan-2004
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
HW User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com