Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10XSC425 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 28Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 29Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 30Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 31Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 32Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 33Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 34Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 35Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
10XSC425
Figure 12. Operating Modes
6.2.1
Sleep Mode
The 10XSC425 is in Sleep mode when:
•VPWR and VDD are within the normal voltage range,
• wake-up = 0,
• fail = X,
•fault = X.
This is the Default mode of the device after first applying battery voltage (VPWR) prior to any I/O transitions. This is also the state
of the device when the WAKE and RSTB and IN_ON[0:3] are logic [0]. In the Sleep mode, the output and all unused internal
circuitry, such as the internal regulator, are off to minimize draw current. In addition, all SPI-configurable features of the device
are as if set to logic [0].
Table 6. 10XSC425 Operating Modes
Mode
Wake-up Fail
Fault
Comments
Sleep
0
x
x
Device is in Sleep mode. All outputs are OFF.
Normal
1
0
0
Device is currently in Normal mode. Watchdog is active if enabled.
Fail-safe
1
1
0
Device is currently in Fail-safe mode due to Watchdog timeout or
VDD Failure conditions. The output states are defined with the RFS
resistor connected to FSI.
Fault
1
X
1
Device is currently in fault mode. The faulted output(s) is (are)
OFF. The safe autoretry circuitry is active to turn-on again the
output(s).
x = Don’t care.
Sleep
(fail = 0) and (wake-up = 1) and (fault = 0)
(wake-up = 0)
Fail-safe
Normal
(wake-up = 0)
(fail = 1) and (wake-up = 1) and (fault = 0)
(fail = 0) and (wake-up = 1) and (fault = 0)
(wake-up = 1) and
(fail = 1) and
(fault = 0)
Fault
(wake-up = 0)
(wake-up = 1)
and (fault = 1)
(fail = 0) and
(wake-up = 1)
and (fault = 1)
(fail = 1) and
(wake-up 0 = 1)
and (fault = 1)
(fail = 0) and
(wake-up = 1)
and (fault = 0)
(fail = 1) and
(wake-up = 1)
and (fault = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com