Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10XSC425 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
10XSC425
OUTPUTS HS0 TO HS3 (CONTINUED)
OCHI1_0
OCHI2_0
OC1_0
OC2_0
OC3_0
OC4_0
OCLO4_0
OCLO3_0
OCLO2_0
OCLO1_0
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
HS[0,1] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
• 28W bit = 0
• 28W bit = 1
77.6
46.4
43.6
40.2
31.6
26.2
19.2
12.1
10.3
6.2
38.8
23.2
21.8
18.6
15.8
13.1
4.6
4.6
4.6
2.9
101.6
62
55.6
48.8
40.4
33.2
24.3
15.3
13.1
8.3
50.8
31
27.8
23.8
20.2
16.6
6.3
6.3
6.3
4.1
125.6
77.6
67.6
57.4
49.2
40.2
29.4
18.4
15.9
10.3
62.8
38.8
33.8
29
24.6
20.1
8.0
8.0
8.0
5.3
A
CSR0_0
CSR1_0
CSR0_1
CSR1_1
HS[0,1] Current Sense Ratio (6.0 V < HS[0:3] < 20 V, CSNS < 5.0 V)
• 28W bit = 0
CSNS_ratio bit = 0
CSNS_ratio bit = 1
• 28W bit = 1
CSNS_ratio bit = 0
CSNS_ratio bit = 1
–
–
–
–
1/9900
1/58500
1/4950
1/29250
–
–
–
–
–
(15)
CSR0_0_ACC HS[0,1] Current Sense Ratio (CSR0) Accuracy (6.0 V < VHS[0:1] < 20 V) 
with 28W bit = 0
At 25
C and 125 C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 5.0 A
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
At -40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 5.0 A
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
-18
-21
-22
-25
-23
-26
-30
-35
–
–
–
–
–
–
–
–
18
21
22
25
23
26
30
35
%
Notes
15.
Current sense ratio = ICSNS / IHS[0:3]
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com