Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10XSC425 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 17Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 18Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 19Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
10XSC425
CONTROL INTERFACE (CONTINUED)
RDWN
Input Logic Pull-down Resistor (RSTB, WAKE and IN[0:3])
125
250
500
k
CIN
Input Capacitance
–
4.0
12
pF
(26)
VCL(WAKE)
Wake Input Clamp Voltage
•ICL(WAKE) < 2.5 mA
18
25
32
V
(25)
VF(WAKE)
Wake Input Forward Voltage
•ICL(WAKE) = -2.5 mA
-2.0
–
-0.3
V
VSOH
SO High State Output Voltage
•IOH = 1.0 mA
VDD-0.4
–
–
V
VSOL
SO and FSB Low State Output Voltage
•IOL = -1.0 mA
–
–
0.4
V
ISO(LEAK)
SO, CSNS and FSB Tri-state Leakage Current
• CSB = VIH and 0.0 V < VSO < VDD, or FSB = 5.5 V, or CSNS = 0.0 V
-2.0
0
2.0
A
RFS
FSI External Pull-down Resistance
Watchdog Disabled
Watchdog Enabled
–
10
0
Infinite
1.0
–
k
(27)
Notes
25.
The current must be limited by a series resistance when using voltages > 7.0 V.
26.
Input capacitance of SI, CSB, SCLK, RSTB, IN[0:3], and WAKE. This parameter is guaranteed by process monitoring but is not
production tested.
27.
In Fail-safe, HS[0:3] depends respectively on ON[0:3]. FSI has an active internal pull-up to VREG  3.0 V.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com