Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10XSC425 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 45Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 46Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 47Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 48Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 49Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 50Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 51Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 52Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
10XSC425
6.4.4.9
Previous Address SOA4:SOA0 = 10111 (diagr2)
The returned data is the product ID. Bits OD2:OD0 are set to 011 for Protected Dual 10 m
 and 25 m high side Switches.
Default Device configuration
The default device configuration is explained by the following:
• HS output is commanded by corresponding IN input or On bit through the SPI. The medium slew rate is used,
• HS output is fully protected by the Xenon overcurrent profile by default, the severe short-circuit protection, the undervoltage,
and the overtemperature protection. The auto-retry feature is enabled,
• OpenLoad in ON and OFF state and HS shorted to VPWR detections are available,
• No current recopy and no analog temperature feedback active,
• Overvoltage protection is enabled,
• SO reporting fault status from HS0,
•VDD failure detection is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com