Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/10 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF2116CU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/10 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF2116CU/10 Datasheet HTML 18Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 19Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 20Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 21Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 22Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 23Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 24Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 25Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
1997 Apr 07
22
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
8.18
Programming MUX 1 : 32 displays with the
PCF2114x
To drive a 2-line by 24 characters MUX 1 : 32 display, use
instruction ‘Function set’ M, N to 0, 1. Note that the right
half of the display needs mirrored column connection
compared to a display driven by a PCF2116x.
To drive a 4-line by 12 characters MUX 1 : 32 display the
PCF2116x operating instructions apply. There is no
functional difference between the PCF2114x and the
PCF2116x in this mode. For such an application
set M, N to 1, 1 with the ‘Function set’ instruction.
8.19
Reset function
The PCF2116 automatically initializes (resets) when
power is turned on. After reset the chip has the following
state.
Table 2
State after reset
STEP
DESCRIPTION
1
display clear
2
function set
DL = 1
8-bit interface
M, N = 0
1-line display
G = 0
voltage
generator;
VLCD =V0
3
display on/off
control
D = 0
display off
C = 0
cursor off
B = 0
blink off
4
entry mode set
I/D = 1
+1 (increment)
S = 0
no shift
5
Default address pointer to DDRAM. The Busy
Flag (BF) indicates the busy state (BF = logic 1)
until initialization ends. The busy state lasts
2 ms. The chip may also be initialized by
software. See Figs 28 and 29.
6I2C-bus interface reset
9
INSTRUCTIONS
Only two PCF2116 registers, the Instruction Register (IR)
and the Data Register (DR) can be directly controlled by
the microcontroller. Before internal operation, control
information is stored temporarily in these registers to allow
interface to various types of microcontrollers which
operate at different speeds or to allow interface to
peripheral control ICs.
The PCF2116 operation is controlled by the instructions
shown in Table 3 together with their execution time.
Details are explained in subsequent sections.
Instructions are of 4 categories, those that:
1. Designate PCF2116 functions such as display format,
data length, etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are used most
frequently. However, automatic incrementing by 1 (or
decrementing by 1) of internal RAM addresses after each
data write lessens the microcontroller program load. The
display shift in particular can be performed concurrently
with display data write, enabling the designer to develop
systems in minimum time with maximum programming
efficiency.
During internal operation, no instruction other than
‘Read busy flag and address’ will be executed.
Because the Busy Flag is set to logic 1 while an instruction
is being executed, check to make sure it is on logic 0
before sending the next instruction or wait for the
maximum instruction execution time, as given in Table 3.
An instruction sent while the Busy Flag is HIGH will not be
executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com