Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/10 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF2116CU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/10 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF2116CU/10 Datasheet HTML 43Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 44Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 45Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 46Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 47Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 48Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 49Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 50Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Table 8
Example of I2C operation; 1-line display (using internal reset, assuming SA0 = VSS; note 1)
STEP
I2C BYTE
DISPLAY
OPERATION
1I2C START
Initialized. No display appears.
2
slave address for write
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/W Ack
During the acknowledge cycle SDA will be pulled-down by the
PCF2116.
011101001
3
send a control byte for function set
Co
RS
R/W
Ack
Control byte sets RS and R/W for following data bytes.
0
0
0
X
XXXX
1
4
function set
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Ack
Selects 1-line display and VLCD =V0; SCL pulse during
acknowledge cycle starts execution of instruction.
001
X
0
0001
5
display on/off control
_
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Ack
Turns on display and cursor. Entire display shows character
Hex 20 (blank in ASCII-like character sets).
000011101
6
entry mode set
_
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Ack
Sets mode to increment the address by 1 and to shift the cursor
to the right at the time of write to the DDRAM or CGRAM.
Display is not shifted.
000001101
7I2C START
_
For writing data to DDRAM, RS must be set to 1. Therefore a
control byte is needed.
8
slave address for write
_
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/W
Ack
011101001
9
send a control byte for write data
_
Co
RS
R/W
Ack
0
1
0
X
XXXX
1
10
write data to DDRAM
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Ack
Writes ‘P’. The DDRAM has been selected at power-up.
The cursor is incremented by 1 and shifted to the right.
010100001
P_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com