Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/10 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2116CU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/10 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2116CU/10 Datasheet HTML 19Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 20Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 21Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 22Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 23Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 24Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 25Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 26Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
Table 3
Instructions (note 1)
Notes
1. In the I2C-bus mode the DL bit is don't care. 8-bit mode is assumed.
In the I2C-bus mode a control byte is required when RS or R/W is changed; control byte: Co, RS, R/W, 0, 0, 0, 0, 0; command byte: DB7 to DB0.
2. Example: fosc = 150 kHz,
= 6.67
µs; 3 cycles = 20 µs, 165 cycles = 1.1 ms.
INSTRUCTION
RS
R/W
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DESCRIPTION
REQUIRED
CLOCK
CYCLES(2)
NOP
0000000000
No operation.
0
Clear display
0000000001
Clears entire display and sets DDRAM
address 0 in Address Counter.
165
Return Home
0000000010
Sets DDRAM address 0 in Address Counter.
Also returns shifted display to original position.
DDRAM contents remain unchanged.
3
Entry mode set
00000001
I/D
S
Sets cursor move direction and specifies shift
of display. These operations are performed
during data write and read.
3
Display control
0000001
D
C
B
Sets entire display on/off (D), cursor on/off (C)
and blink of cursor position character (B).
3
Cursor/display
shift
000001
S/C
R/L
00
Moves cursor and shifts display without
changing DDRAM contents.
3
Function set
00001
DL
N
M
G
0
Sets interface data length (DL), number of
display lines (N, M) and voltage generator
control (G).
3
Set CGRAM
address
0001
ACG
Sets CGRAM address.
3
Set DDRAM
address
001
ADD
Sets DDRAM address.
3
Read busy flag
and address
0
1
BF
AC
Reads Busy Flag (BF) indicating internal
operation is being performed and reads
Address Counter contents.
0
Read data
1
1
read data
Reads data from CGRAM or DDRAM.
3
Write data
1
0
write data
Writes data to CGRAM or DDRAM.
3
T
cy
1
f
osc
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com