Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/10 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF2116CU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/10 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF2116CU/10 Datasheet HTML 39Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 40Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 41Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 42Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 43Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 44Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 45Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 46Page - NXP Semiconductors PCF2116CU/10 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Table 6
8-bit operation, 1-line display example; using internal reset (character set ‘A’)
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2116 is initialized by the internal reset
function)
Initialized. No display appears.
2
function set
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Sets to 8-bit operation, selects 1-line display and
VLCD =V0.
0000110000
3
display mode on/off control
0000001110
_
Turns on display and cursor. Entire display is blank after
initialization.
4
entry mode set
0000000110
_
Sets mode to increment the address by 1 and to shift the
cursor to the right at the time of the write to the
DD/CGRAM. Display is not shifted.
5
write data to CGRAM/DDRAM
1001010000
P_
Writes ‘P’. The DDRAM has already been selected by
initialization at power-on. The cursor is incremented by 1
and shifted to the right.
6
write data to CGRAM/DDRAM
1001001000
PH_
Writes ‘H’.
7
|
|
|
8
write data to CGRAM/DDRAM
1001010011
PHILIPS_
Writes ‘S’.
9
entry mode set
0000000111
PHILIPS_
Sets mode for display shift at the time of write.
10
write data to CGRAM/DDRAM
1000100000
PHILIPS_
Writes space.
11
write data to CGRAM/DDRAM
1001001101
PHILIPS M_
Writes ‘M’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com