Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/12 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF2116CU/12
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/12 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF2116CU/12 Datasheet HTML 28Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 29Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 30Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 31Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 32Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 33Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 34Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 35Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
S
A
0
S 011101
0A
slave address
CONTROL BYTE
A
1
Co
DATA
A
1 1
CONTROL
A
R/W
0
Co
2 bytes
2n
0 bytes
DATA
A
acknowledgement
from PCF2116
MGA809 - 1
S
A
0
S
1A
DATA
A
1
P
SLAVE
ADDRESS
DATA
acknowledgement
from PCF2116
no acknowledgement
from master
R/W
n bytes
last byte
update
data pointer
(1)
Fig.26 Master reads after setting word address; write word address, set RS/RW; READ data.
(1) Last data byte is a dummy byte (may be omitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com