Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/12 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF2116CU/12
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/12 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF2116CU/12 Datasheet HTML 36Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 37Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 38Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 39Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 40Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 41Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 42Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 43Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
1997 Apr 07
40
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
18 APPLICATION INFORMATION
Fig.31 Direct connection to 8-bit microcontroller; 8-bit bus.
handbook, 4 columns
MGA812 - 1
PCF2116
DB0 to DB7
E
RS
R/W
8
32
R1 to R32
C1 to C60
60
P20
P21
P22
P10 to P17
P80CL51
to
LCD
Fig.32 Direct connection to 8-bit microcontroller; 4-bit bus.
handbook, 4 columns
MGA813 - 1
PCF2116
DB4 to DB7
E
RS
R/W
4
32
R1 to R32
C1 to C60
60
P10
P11
P12
P14 to P17
P80CL51
to
LCD
Fig.33 Typical application using parallel interface.
handbook, full pagewidth
MGA816 - 1
VLCD
VDD
VO
VSS
PCF2116
VSS
VDD
100 nF
DB0 to DB7 E
RS R/W
2 x 24 CHARACTER
LCD DISPLAY
(SPLIT SCREEN)
16
C1 to C60
60
60
16
OSC
100
nF
100
k
Ω
R7 to R16
R25 to R32
R1 to R8
R17 to R24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com