Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/12 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF2116CU/12
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/12 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF2116CU/12 Datasheet HTML 56Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 57Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 58Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 59Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 60Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 61Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 62Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 63Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 64Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
1997 Apr 07
60
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
20 PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
1.45
1.35
0.25
0.27
0.17
0.20
0.09
14.1
13.9
0.5
16.15
15.85
0.70
0.58
0.81
0.59
7
0
o
o
0.12
0.2
0.1
1.0
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT425-1
96-04-02
D(1)
(1)
(1)
20.1
19.9
HD
22.15
21.85
E
Z
0.81
0.59
D
0
5
10 mm
scale
b p
e
θ
E
A1
A
L p
Q
detail X
L
(A )
3
B
c
b p
E
H
A2
D
H
v M B
D
Z D
A
Z E
e
v M A
X
102
103
y
w M
w M
A
max.
1.6
LQFP128: plastic low profile quad flat package; 128 leads; body 14 x 20 x 1.4 mm
SOT425-1
65
64
38
39
1
128
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com