Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116CU/12 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF2116CU/12
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU/12 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF2116CU/12 Datasheet HTML 47Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 48Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 49Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 50Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 51Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 52Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 53Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 54Page - NXP Semiconductors PCF2116CU/12 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Table 10 Initialization by instruction, 4-bit interface. Not applicable for I2C-bus operation
STEP
DESCRIPTION
power-on or unknown state
|
wait 2 ms after VDD rises above VPOR
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction.
000011
Function set (interface is 8-bits long).
|
wait 2 ms
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction.
000011
Function set (interface is 8-bits long).
|
wait 40
µs
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction.
000011
Function set (interface is 8-bits long).
|
BF can be checked after the following instructions. When BF is not checked, the waiting time
between instructions is the specified instruction time. (See Table 3).
RS
R/W
DB7
DB6
DB5
DB4
Function set (set interface to 4-bits long).
000010
Interface is 8-bits long.
000010
Function set (interface is 4-bits long).
0
0
N
M
G
0
Specify number of display lines and voltage generator characteristic.
000000
001000
Display off.
000000
Clear display.
000001
000000
Entry mode set.
0
0
0
1
I/D
S
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com